Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet (PDF) - Intersil Corporation

ISL6334DIRZ Datasheet PDF - Intersil Corporation
Part # ISL6334DIRZ
Download  ISL6334DIRZ Download
File Size   778.66 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features

ISL6334DIRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6334DIRZ Datasheet PDF - Intersil Corporation

Part # ISL6334DIRZ
Download  ISL6334DIRZ Click to download

File Size   778.66 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features

ISL6334DIRZ Datasheet (HTML) - Intersil Corporation


ISL6334DIRZ Product details

The ISL6334D controls voltage regulator by driving up to 4
interleaved synchronous-rectified buck channels in parallel.
This multiphase architecture results in multiplying channel
ripple frequency and reducing input and output ripple currents.
Lower ripple results in fewer components, lower cost, reduced
power dissipation, and smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates and requires high efficiency at light
load. The ISL6334D utilizes Intersil’s proprietary Active
Pulse Positioning (APP), Adaptive Phase Alignment (APA)
modulation scheme, active phase adding and dropping to
achieve and maintain the extremely fast transient response
with fewer output capacitors and high efficiency from light to
full load.
The ISL6334D is designed to be completely compliant with
Intel VR11.1 specifications. It accurately reports the load
current via IMON pin to the microprocessor, which sends an
active low PSI# signal to the controller at low power mode.
The controller then enters 1- or 2-phase operation with diode
emulation option to reduce magnetic core and switching
losses, yielding high efficiency at light load. After the PSI#
signal is de-asserted, the dropped phase(s) are added back
to sustain heavy load transient response and efficiency.
The ISL6334D senses the output current continuously by
utilizing patented techniques to measure the voltage across the
dedicated current sense resistor or the DCR of the output
inductor. Current sensing circuits also provide the needed
signals for channel-current balancing, average overcurrent
protection and individual phase current limiting. An NTC
thermistor’s temperature is sensed via the TM pin and internally
digitized for thermal monitoring and for integrated thermal
compensation of the current sense elements.
A unity gain, differential amplifier is provided for remote voltage
sensing and completely eliminates any potential difference
between remote and local grounds. This improves regulation
and protection accuracy. The threshold-sensitive enable input is
available to accurately coordinate the start-up of the ISL6334D
with any other voltage rail. Dynamic VID™ technology allows
seamless on-the-fly VID changes. The offset pin allows
accurate voltage offset settings that are independent of VID
setting.

Features
• Intel VR11.1 compliant with droop disabled
• Proprietary active pulse positioning (APP) and adaptive
phase alignment (APA) modulation scheme
• Proprietary active phase adding and dropping for high light
load efficiency
• Precision multiphase core voltage regulation
- Differential remote voltage sensing
- ±0.5% closed-loop system accuracy over load, line and
temperature
- Bi-directional, adjustable reference-voltage offset
• Precision resistor or DCR differential current sensing
- Accurate channel-current balancing
- Accurate load current monitoring via IMON pin
• Microprocessor voltage identification input
- Dynamic VID™ technology for VR11.1 requirement
- 8-Bit VID, VR11 compatible
• Average overcurrent protection and channel current limit
• Precision overcurrent protection on IMON pin
• Thermal monitoring and overvoltage protection
• Integrated programmable temperature compensation
• Integrated open sense line protection
• 1- to 4-phase operation, coupled inductor compatibility
• Adjustable switching frequency up to 1MHz per phase
• Package option
- QFN compliant to JEDEC PUB95 MO-220 QFN - quad
flat no leads - product outline
• Pb-free (RoHS compliant)




Similar Part No. - ISL6334DIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
867Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334DIRZ RENESAS-ISL6334DIRZ Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
More results


Similar Description - ISL6334DIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334D INTERSIL-ISL6334D_09 Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
August 31, 2010
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
September 7, 2010
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6336DIRZ INTERSIL-ISL6336DIRZ Datasheet
777Kb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
October 6, 2014
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6336D RENESAS-ISL6336D Datasheet
1Mb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com