Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6336DIRZ Datasheet (PDF) - Intersil Corporation

ISL6336DIRZ Datasheet PDF - Intersil Corporation
Part # ISL6336DIRZ
Download  ISL6336DIRZ Download
File Size   777.56 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features

ISL6336DIRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6336DIRZ Datasheet PDF - Intersil Corporation

Part # ISL6336DIRZ
Download  ISL6336DIRZ Click to download

File Size   777.56 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features

ISL6336DIRZ Datasheet (HTML) - Intersil Corporation


ISL6336DIRZ Product details

The ISL6336D controls voltage regulators by driving up to 6
interleaved synchronous-rectified buck channels in parallel.
This multiphase architecture results in multiplying channel
ripple frequency and reducing input and output ripple currents.
Lower ripple results in fewer components, lower cost, reduced
power dissipation, and smaller implementation area.
The ISL6336D utilizes Intersil’s proprietary Active Pulse
Positioning (APP), Adaptive Phase Alignment (APA)
modulation scheme, active phase adding and dropping to
achieve and maintain the extremely fast transient response
with fewer output capacitors and high efficiency from light to
full load.
The ISL6336D is designed to be completely compliant with
Intel VR11.1 specifications with exception of droop disabled. It
accurately reports the load current via the IMON pin to the
microprocessor, which sends an active low PSI# signal to the
controller at low power mode. The controller then enters 1- or
2-phase operation option to reduce magnetic core and
switching losses, yielding high efficiency at light load. After the
PSI# signal is deasserted, the dropped phase(s) are added
back to sustain heavy load transient response and efficiency.
The ISL6336D senses the output current continuously by
utilizing patented techniques to measure the voltage across
the dedicated current sense resistor or the DCR of the output
inductor. Current sensing circuits also provide the needed
signals for channel-current balancing, average overcurrent
protection and individual phase current limiting. An NTC
thermistor’s temperature is sensed via the TM pin and
internally digitized for thermal monitoring and for integrated
thermal compensation of the current sense elements.
A unity gain, differential amplifier is provided for remote
voltage sensing and completely eliminates any potential
difference between remote and local grounds. This improves
regulation and protection accuracy. The threshold-sensitive
enable input is available to accurately coordinate the start-up
of the ISL6336D with any other voltage rail. Dynamic VID™
technology allows seamless on-the-fly VID changes. The offset
pin allows accurate voltage offset settings that are
independent of VID setting.

Features
• Intel VR11.1 compliant with droop disabled
• Proprietary active pulse positioning (APP) and adaptive
phase alignment (APA) modulation scheme
• Proprietary active phase adding and dropping for high light
load efficiency
• Precision multiphase core voltage regulation
- Differential remote voltage sensing
- 0.5% closed-loop system accuracy over load, line and
temperature
- Bidirectional, adjustable reference-voltage offset
• Precision resistor or DCR differential current sensing
- Accurate channel-current balancing
- Accurate load current monitoring via IMON pin
• Microprocessor voltage identification input
- Dynamic VID™ technology for VR11.1 requirement
- 8-bit VID, VR11 compatible
• Average overcurrent protection and channel current limit
• Precision overcurrent protection on IMON pin
• Thermal monitoring and overvoltage protection
• Integrated programmable temperature compensation
• Integrated open sense line protection
• 1- to 6-phase operation, coupled inductor compatibility
• Adjustable switching frequency up to 1MHz per phase
• Package option
- QFN compliant to JEDEC PUB95 MO-220 QFN - quad flat
no leads - product outline
• Pb-free (RoHS compliant)




Similar Part No. - ISL6336DIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6336DIRZ RENESAS-ISL6336DIRZ Datasheet
1Mb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Similar Description - ISL6336DIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334D INTERSIL-ISL6334D_09 Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
August 31, 2010
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
September 7, 2010
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6336D RENESAS-ISL6336D Datasheet
1Mb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com