Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334 Datasheet (PDF) - Intersil Corporation

ISL6334 Datasheet PDF - Intersil Corporation
Part # ISL6334
Download  ISL6334 Download
File Size   611.14 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

ISL6334 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6334 Datasheet PDF - Intersil Corporation

Part # ISL6334
Download  ISL6334 Click to download

File Size   611.14 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

ISL6334 Datasheet (HTML) - Intersil Corporation


ISL6334 Product details

The ISL6334, ISL6334A control microprocessor core voltage
regulation by driving up to 4 interleaved synchronous-rectified
buck channels in parallel. This multiphase architecture results
in multiplying channel ripple frequency and reducing input and
output ripple currents. Lower ripple results in fewer
components, lower cost, reduced power dissipation, and
smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates and requires high efficiency at light
load. The ISL6334, ISL6334A utilizes Intersil’s proprietary
Active Pulse Positioning (APP), Adaptive Phase Alignment
(APA) modulation scheme, active phase adding and
dropping to achieve and maintain the extremely fast
transient response with fewer output capacitors and high
efficiency from light to full load.
The ISL6334, ISL6334A is designed to be completely
compliant with Intel VR11.1 specifications. It accurately
reports the load current via IMON pin to the microprocessor,
which sends an active low PSI# signal to the controller at low
power mode. The controller then enters 1- or 2-phase
operation with diode emulation option to reduce magnetic
core and switching losses, yielding high efficiency at light
load. After the PSI# signal is de-asserted, the dropped
phase(s) are added back to sustain heavy load transient
response and efficiency.
Today’s microprocessors require a tightly regulated output
voltage position versus load current (droop). The ISL6334,
ISL6334A senses the output current continuously by utilizing
patented techniques to measure the voltage across the
dedicated current sense resistor or the DCR of the output
inductor. The sensed current flows out of FB pin to develop the
precision voltage drop across the feedback resistor for droop
control. Current sensing circuits also provide the needed
signals for channel-current balancing, average overcurrent
protection and individual phase current limiting. An NTC
thermistor’s temperature is sensed via TM pin and internally
digitized for thermal monitoring and for integrated thermal
compensation of the current sense elements.
A unity gain, differential amplifier is provided for remote voltage
sensing and completely eliminates any potential difference
between remote and local grounds. This improves regulation
and protection accuracy. The threshold-sensitive enable input is
available to accurately coordinate the start-up of the ISL6334,
ISL6334A with any other voltage rail. Dynamic-VID™
technology allows seamless on-the-fly VID changes. The
offset pin allows accurate voltage offset settings that are
independent of VID setting.

Features
• Intel VR11.1 Compliant
• Proprietary Active Pulse Positioning (APP) and Adaptive
Phase Alignment (APA) Modulation Scheme
• Proprietary Active Phase Adding and Dropping with Diode
Emulation Scheme For High Light Load Efficiency
• Precision Multiphase Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% Closed-loop System Accuracy Over Load, Line
and Temperature
- Bi-directional, Adjustable Reference-Voltage Offset
• Precision resistor or DCR Differential Current Sensing
- Accurate Load-Line (Droop) Programming
- Accurate Channel-Current Balancing
- Accurate Load Current Monitoring via IMON Pin
• Microprocessor Voltage Identification Input
- Dynamic VID™ Technology for VR11.1 Requirement
- 8-Bit VID, VR11 Compatible
• Average Overcurrent Protection and Channel Current Limit
• Precision Overcurrent Protection on IMON Pin
• Thermal Monitoring and Overvoltage Protection
• Integrated Programmable Temperature Compensation
• Integrated Open Sense Line Protection
• 1- to 4-Phase Operation, Coupled Inductor Compatibility
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6334

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6334 INTERSIL-ISL6334 Datasheet
598Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334A INTERSIL-ISL6334A Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6334A INTERSIL-ISL6334A Datasheet
598Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results


Similar Description - ISL6334

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6334D INTERSIL-ISL6334D_09 Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
August 31, 2010
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
September 7, 2010
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com