Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6353 Datasheet (PDF) - Intersil Corporation

ISL6353 Datasheet PDF - Intersil Corporation
Part # ISL6353
Download  ISL6353 Download
File Size   1286.59 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for VR12 DDR Memory Systems

ISL6353 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6353 Datasheet PDF - Intersil Corporation

Part # ISL6353
Download  ISL6353 Click to download

File Size   1286.59 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for VR12 DDR Memory Systems

ISL6353 Datasheet (HTML) - Intersil Corporation


ISL6353 Product details

The ISL6353 is a three-phase PWM buck regulator controller for
VR12 DDR memory applications. The multi-phase implementation
results in better system performance, superior thermal
management, lower component cost and smaller PCB area.
The ISL6353 has two integrated power MOSFET drivers for
implementing a cost effective and space saving power
management solution.
The PWM modulator of the ISL6353 is based on Intersil’s Robust
Ripple Regulator™ (R3) technology. Compared with the traditional
multi-phase buck regulator, the R3 modulator commands variable
PWM switching frequency during load transients, achieving faster
transient response. R3 also naturally goes into pulse frequency
modulation operation in light load conditions to achieve higher light
load efficiency.
The ISL6353 is designed to be completely compliant with VR12
specifications. The ISL6353 has a serial VID (SVID) bus
communicating with the CPU. The output can be programmed for
1-, 2- or 3-phase interleaved operation. The output voltage and
power state can also be controlled independent of the serial VID
bus.
The ISL6353 has several other key features. It supports DCR
current sensing with a single NTC thermistor for DCR
temperature compensation or accurate resistor current sensing.
It also has remote voltage sense, adjustable switching frequency,
current monitor, OC/OV protection and power-good. Temperature
monitor and thermal alert is available too.

Features
• VR12 Serial Communications Bus
• Precision Voltage Regulation
- 5mV Steps with VID Fast/Slow Slew Rates
• Supports Two Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Programmable 1, 2 or 3-Phase Operation
• Adaptive Body Diode Conduction Time Reduction
• Superior Noise Immunity and Transient Response
• Pin Programmable Output Voltage and Power State Mode
• Output Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Programmable Switching Frequency
• Resistor Programmable VBOOT, Power State Operation, SVID
Address Setting, IMAX
• Excellent Dynamic Current Balance Between Phases
• OCP/WOC, OVP, OT Alert, PGOOD
• Small Footprint 40 Ld 5x5 TQFN Package
• Pb-Free (RoHS Compliant)

Applications
• DDR Memory




Similar Part No. - ISL6353

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6353 INTERSIL-ISL6353 Datasheet
1Mb / 30P
Multiphase PWM Regulator for VR12 DDR Memory Systems
ISL6353 INTERSIL-ISL6353 Datasheet
164Kb / 3P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL6353 INTERSIL-ISL6353 Datasheet
208Kb / 2P
31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
ISL6353 INTERSIL-ISL6353 Datasheet
159Kb / 2P
31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL6353 RENESAS-ISL6353 Datasheet
1Mb / 30P
Multiphase PWM Regulator for VR12 DDR Memory Systems
More results


Similar Description - ISL6353

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532B INTERSIL-ISL6532B Datasheet
362Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
ISL6353 INTERSIL-ISL6353 Datasheet
1Mb / 30P
Multiphase PWM Regulator for VR12 DDR Memory Systems
ISL6363 INTERSIL-ISL6363 Datasheet
1Mb / 32P
Multiphase PWM Regulator for VR12??Desktop CPUs
ISL6363CRTZ INTERSIL-ISL6363CRTZ Datasheet
951Kb / 32P
Multiphase PWM Regulator for VR12™ Desktop CPUs
September 5, 2013
logo
Renesas Technology Corp
ISL6532B RENESAS-ISL6532B Datasheet
764Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 RENESAS-ISL6548 Datasheet
747Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6353 RENESAS-ISL6353 Datasheet
1Mb / 30P
Multiphase PWM Regulator for VR12 DDR Memory Systems
ISL6363 RENESAS-ISL6363 Datasheet
1Mb / 32P
Multiphase PWM Regulator for VR12??Desktop CPUs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com