Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6608 Datasheet (PDF) - Intersil Corporation

ISL6608 Datasheet PDF - Intersil Corporation
Part # ISL6608
Download  ISL6608 Download
File Size   333.71 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability

ISL6608 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6608 Datasheet PDF - Intersil Corporation

Part # ISL6608
Download  ISL6608 Click to download

File Size   333.71 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability

ISL6608 Datasheet (HTML) - Intersil Corporation


ISL6608 Product details

The ISL6608 is a high frequency, MOSFET driver optimized
to drive two N-Channel power MOSFETs in a synchronousrectified buck converter topology. This driver combined with
an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM
controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V) and
minimizes gate drive losses due to MOSFET gate charge at
high switching frequency applications. Each driver is capable
of driving a 3000pF load with a low propagation delay and
less than 10ns transition time. This product implements
bootstrapping on the upper gate with an internal bootstrap
Schottky diode, reducing implementation cost, complexity,
and allowing the use of higher performance, cost effective
N-Channel MOSFETs. Adaptive shoot-through protection is
integrated to prevent both MOSFETs from conducting
simultaneously.
The ISL6608 features 4A sink current for the lower gate
driver, which is capable of holding the lower MOSFET gate
during the Phase node rising edge to prevent shoot-through
power loss caused by the high dv/dt of the Phase node.
The ISL6608 also features a Three-State PWM input which,
working together with Intersil multi-phase PWM controllers,
will prevent a negative transient on the output voltage when
the output is shut down. This feature eliminates the Schottky
diode that is usually seen in a microprocessor power system
for protecting the microprocessor from reversed output
voltage events.
A diode emulation feature is integrated in the ISL6608 to
enhance converter efficiency at light load conditions. Diode
emulation also prevents a negative transient when starting
up with a pre-biased voltage on the output. When diode
emulation is enabled, the driver allows discontinuous
conduction mode by detecting when the inductor current
reaches zero and subsequently turns off the low side
MOSFET, which prevents the output from sinking current
and producing a negative transient on a pre-biased output
(see Figures 6 and 7 on page 7)

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
• 0.5Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast Output Rise/Fall Time and Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and
Pre-Biased Startup Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typically 160ns)
• Pin-to-Pin Compatible with ISL6605
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available as an Option

Applications
• Core Voltage Supplies for FPGAs and PowerPC
Microprocessors
• Point-Of-Load Modules with Pre-Biased Start-Up
Requirements
• High Frequency and High Current DC-DC Converters




Similar Part No. - ISL6608

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
logo
Renesas Technology Corp
ISL6608CB RENESAS-ISL6608CB Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CB-T INTERSIL-ISL6608CB-T Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
More results


Similar Description - ISL6608

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com