Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6731AFBZ Datasheet (PDF) - Intersil Corporation

ISL6731AFBZ Datasheet PDF - Intersil Corporation
Part # ISL6731AFBZ
Download  ISL6731AFBZ Download
File Size   542.73 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Factor Correction Controllers

ISL6731AFBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6731AFBZ Datasheet PDF - Intersil Corporation

Part # ISL6731AFBZ
Download  ISL6731AFBZ Click to download

File Size   542.73 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Factor Correction Controllers

ISL6731AFBZ Datasheet (HTML) - Intersil Corporation


ISL6731AFBZ Product details

The ISL6731A and ISL6731B are active power factor
correction (PFC) controller ICs that use a boost topology. The
controllers are suitable for AC/DC power systems up to 2kW
and over the universal line input.
The ISL6731A and ISL6731B operate in Continuous Current
Mode (CCM). Accurate input current shaping is achieved with a
current error amplifier. A patent pending breakthrough
negative capacitance technology minimizes zero crossing
distortion and reduces the magnetic components size. The
small external components result in lower design cost without
sacrificing performance.
The internally clamped 12.5V gate driver delivers 1.5A peak
current to the external power MOSFET. The ISL6731A and
ISL6731B provide a highly reliable system that is fully
protected. Protection features include cycle-by-cycle
overcurrent, over power limit, over-temperature, input
brownout, output overvoltage and undervoltage protection.
The ISL6731A and ISL6731B provide excellent power
efficiency and transitions into a power saving skip mode
during light load conditions, thus improving efficiency
automatically. The ISL6731A and ISL6731B can be shut down
by pulling the FB pin below 0.5V or grounding the BO pin.
Two switching frequency options are provided. The ISL6731B
switches at 62kHz, and the ISL6731A switches at 124kHz.

Features
• Reduced component size requirements
- Enables smaller, thinner AC/DC adapters
- Choke and cap size can be reduced
- Lower cost of materials
• Excellent power factor and THD over line and load
- CCM mode with negative capacitance generator for
smaller EMI filter and improved performance
- Built-in current amplifier with flexibility of gain change
• Better light-load efficiency
- Automatic pulse skipping with programmable threshold
- Programmable or automatic shutdown
• Highly reliable design
- Cycle-by-cycle current limit
- Input average power limit
- OVP and OTP protection
- Input brownout protection
• Small 14 Ld SOIC package

Applications
• Desktop computer AC/DC adaptor
• Laptop computer AC/DC adaptor
• TV AC/DC power supply
• AC/DC brick converters




Similar Part No. - ISL6731AFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6731AFBZ RENESAS-ISL6731AFBZ Datasheet
919Kb / 20P
Power Factor Correction Controllers
More results


Similar Description - ISL6731AFBZ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
Intersil Corporation
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
Power Factor Correction Controllers
February 26, 2013
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
Power Factor Correction Controllers
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
Power Factor Correction Controllers
August 8, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com