Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6730 Datasheet (PDF) - Intersil Corporation

ISL6730 Datasheet PDF - Intersil Corporation
Part # ISL6730
Download  ISL6730 Download
File Size   420.03 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Factor Correction Controllers

ISL6730 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6730 Datasheet PDF - Intersil Corporation

Part # ISL6730
Download  ISL6730 Click to download

File Size   420.03 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Factor Correction Controllers

ISL6730 Datasheet (HTML) - Intersil Corporation


ISL6730 Product details

The ISL6730A, ISL6730B, ISL6730C, ISL6730D are active
Power Factor Correction (PFC) controller ICs that use a boost
topology. The controllers are suitable for AC/DC power
systems, up to 2kW and over the universal line input.
The ISL6730A, ISL6730B, ISL6730C, ISL6730D operate in
Continuous Conduction Mode (CCM). Accurate input current
shaping is achieved with a current error amplifier. A patent
pending breakthrough negative capacitance technology
minimizes zero crossing distortion and reduces the magnetic
components size. The small external components result in a
low cost design without sacrificing performance.
The internally clamped 12.5V gate driver delivers 1.5A peak
current to the external power MOSFET. The ISL6730A,
ISL6730B, ISL6730C, ISL6730D provide a highly reliable
system that is fully protected. Protection features include
cycle-by-cycle overcurrent, over power limit, over-temperature,
input brownout, output overvoltage and undervoltage
protection.
The ISL6730A, ISL6730B provide excellent power efficiency
and transitions into a power saving skip mode during light load
conditions, thus improving efficiency automatically. The
ISL6730A, ISL6730B, ISL6730C, ISL6730D can be shut down
by pulling the FB pin below 0.5V or grounding the BO pin. The
ISL6730C, ISL6730D have no skip mode.
Two switching frequency options are provided. The ISL6730B,
ISL6730D switch at 62kHz, and the ISL6730A, ISL6730C
switch at 124kHz.

Features
• Reduce component size requirements
- Enables smaller, thinner AC/DC adapters
- Choke and cap size can be reduced
- Lower cost of materials
• Excellent power factor over line and load regulation
- Internal current compensation
- CCM Mode with Patent pending IP for smaller EMI filter
• Better light load efficiency
- Automatic pulse skipping
- Programmable or automatic shutdown
• High reliable design
- Cycle-by-cycle current limit
- Input average power limit
- OVP and OTP protection
- Input brownout protection
• Small 10 Ld MSOP package

Applications
• Desktop computer AC/DC adaptor
• Laptop computer AC/DC adaptor
• TV AC/DC power supply
• AC/DC brick converters




Similar Part No. - ISL6730

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
Power Factor Correction Controllers
February 26, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AEVAL1Z INTERSIL-ISL6730AEVAL1Z Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
More results


Similar Description - ISL6730

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
Intersil Corporation
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
Power Factor Correction Controllers
February 26, 2013
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
Power Factor Correction Controllers
August 8, 2013
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
Power Factor Correction Controllers
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
Power Factor Correction Controllers
August 8, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com