Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6753 Datasheet (PDF) - Intersil Corporation

ISL6753 Datasheet PDF - Intersil Corporation
Part # ISL6753
Download  ISL6753 Download
File Size   393.72 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge PWM Controller

ISL6753 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6753 Datasheet PDF - Intersil Corporation

Part # ISL6753
Download  ISL6753 Click to download

File Size   393.72 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge PWM Controller

ISL6753 Datasheet (HTML) - Intersil Corporation


ISL6753 Product details

The ISL6753 is a high-performance, low-pin-count
alternative, zero-voltage switching (ZVS) full-bridge PWM
controller. Like the ISL6551, it achieves ZVS operation by
driving the upper bridge FETs at a fixed 50% duty cycle while
the lower bridge FETS are trailing-edge modulated with
adjustable resonant switching delays. Compared to the more
familiar phase-shifted control method, this algorithm offers
equivalent efficiency and improved overcurrent and lightload performance with less complexity in a lower pin count package.
This advanced BiCMOS design features low operating
current, adjustable oscillator frequency up to 2MHz,
adjustable soft-start, internal over temperature protection,
precision deadtime and resonant delay control, and short
propagation delays. Additionally, Multi-Pulse Suppression
ensures alternating output pulses at low duty cycles where
pulse skipping may occur.

Features
• Adjustable Resonant Delay for ZVS Operation
• Voltage- or Current-Mode Operation
• 3% Current Limit Threshold
• 175µA Startup Current
• Supply UVLO
• Adjustable Deadtime Control
• Adjustable Soft-Start
• Adjustable Oscillator Frequency Up to 2MHz
• Tight Tolerance Error Amplifier Reference Over Line,
Load, and Temperature
• 5MHz GBWP Error Amplifier
• Adjustable Cycle-by-Cycle Peak Current Limit
• Fast Current Sense to Output Delay
• 70ns Leading Edge Blanking
• Multi-Pulse Suppression
• Buffered Oscillator Sawtooth Output
• Internal Over Temperature Protection
• Pb-Free Plus Anneal Available and ELV, WEEE, RoHS Compliant

Applications
• ZVS Full-Bridge Converters
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems




Similar Part No. - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6753 INTERSIL-ISL6753 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
More results


Similar Description - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com