Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8120 Datasheet (PDF) - Intersil Corporation

ISL8120 Datasheet PDF - Intersil Corporation
Part # ISL8120
Download  ISL8120 Download
File Size   1198.69 Kbytes
Page   38 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/n-Phase Buck PWM Controller with Integrated Drivers

ISL8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8120 Datasheet PDF - Intersil Corporation

Part # ISL8120
Download  ISL8120 Click to download

File Size   1198.69 Kbytes
Page   38 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/n-Phase Buck PWM Controller with Integrated Drivers

ISL8120 Datasheet (HTML) - Intersil Corporation


ISL8120 Product details

The ISL8120 integrates two voltage-mode PWM leading-edge
modulation control with input feed-forward synchronous buck
PWM controllers to control a dual independent voltage
regulator or a 2-phase single output regulator. It also
integrates current sharing control for the power module to
operate in parallel, which offers high system flexibility.
The ISL8120 integrates an internal linear regulator, which
generates VCC from input rail for applications with only one
single supply rail. The internal oscillator is adjustable from
150kHz to 1.5MHz, and is able to synchronous to an external
clock signal for frequency synchronization and phase
paralleling applications. Its PLL circuit can output a
phase-shift-programmable clock signal for the system to be
expanded to 3-, 4-, 6-, 12- phases with desired interleaving
phase shift.
The ISL8120’s Fault Hand Shake feature protects any channel
from overloading/stressing due to system faults or phase
failure. The undervoltage fault protection features are also
designed to prevent a negative transient on the output voltage
during falling down. This eliminates the Schottky diode that is
used in some systems for protecting the load device from
reversed output voltage damage.

Features
• Wide VIN Range Operation: 3V to 22V
- VCC Operation from 3V to 5.60V
• Excellent Output Voltage Regulation: 0.6V ±0.6%/±0.9%
Internal Reference Over Commercial/Industrial Temperature
• Frequency Synchronization
• Programmable Phase Shift for 1-, 2-, 3-, 4-, 6-, up to 12-
-Phase Applications
• Fault Hand Shake Capability for High System Reliability
• Digital Soft-Start with Pre-Charged Output Start-up
Capability
• Dual Independent Channel Enable Inputs with Precision
Voltage Monitor and Voltage Feed-forward Capability
- Programmable Input Voltage POR and its Hysteresis with
a Resistor Divider at EN Input
• Extensive Circuit Protection Functions: Output Overvoltage,
Undervoltage, Overcurrent protection, Over temperature and
Pre-Power-On-Reset Overvoltage Protection Option

Applications
• Power Supply for Datacom/Telecom and POL
• Paralleling Power Module
• Wide and Narrow Input Voltage Range Buck Regulators
• DDR I and II Applications
• High Current Density Power Supplies
• Multiple Outputs VRM and VRD




Similar Part No. - ISL8120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
April 7, 2009
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
982Kb / 35P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
April 7, 2009
logo
Renesas Technology Corp
ISL8120CRZ RENESAS-ISL8120CRZ Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120CRZ-T INTERSIL-ISL8120CRZ-T Datasheet
982Kb / 35P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
April 7, 2009
More results


Similar Description - ISL8120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
April 7, 2009
ISL8120IRZEC INTERSIL-ISL8120IRZEC Datasheet
892Kb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8126 INTERSIL-ISL8126 Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
September 7, 2011
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Driver
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com