Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet (PDF) - Intersil Corporation

ISL9219 Datasheet PDF - Intersil Corporation
Part # ISL9219
Download  ISL9219 Download
File Size   229.34 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion Battery Charger

ISL9219 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9219 Datasheet PDF - Intersil Corporation

Part # ISL9219
Download  ISL9219 Click to download

File Size   229.34 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion Battery Charger

ISL9219 Datasheet (HTML) - Intersil Corporation


ISL9219 Product details

The ISL9219 is a fully integrated high input voltage
single-cell Li-ion battery charger. This charger is fully in
compliance with the USB electrical specification. The
charger performs the CC/CV charge function required by
Li-ion batteries. The charger accepts an input voltage up to
28V but is disabled when the input voltage exceeds the OVP
threshold, typically 6V, to prevent excessive power
dissipation. The 28V rating eliminates the overvoltage
protection circuit required in a low input voltage charger.
The fast charge current is programmable with an external
resistor, and the end-of-charge (EOC) current is fixed at
50mA for any input source type. When the input power
source is identified as a USB port, the host controller will
further identify the power type of the port and drive the USBI
pin accordingly.
When the battery voltage is lower than the pre-charge
threshold, which is also programmable with an external
resistor, the charger preconditions the battery with an 85mA
constant current. Charge is complete when the charge current
reduces to the EOC current level during the CV charge phase.
The STAT1 and STAT2 provide unique indication for each
charging condition. An internal thermal foldback function
protects the charger from any thermal failure.
The STAT1, STAT2, TRKL and ACFLT pins are of open drain
type, allowing a simple interface to a microprocessor or an
LED. When no adapter is attached or when disabled, the
charger draws less than 1µA leakage current from the
battery.
Additional features include an OVP protected power-good
source, preconditioning of an over-discharged battery, an
NTC thermistor interface for charging the battery in a safe
temperature range, automatic recharge, and thermally
enhanced QFN package.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 0.7% Voltage Accuracy
• Programmable Charge Currents
• 250µA (Typ) Suspend Quiescent Current
• USB 100mA/500mA Comply
• Charge Current Thermal Foldback for Thermal Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Charge Status Indication
• Less than 1µA Leakage Current Off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to +85°C
• Pb-free (RoHS Compliant)

Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packaged Semiconductor Devices”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”




Similar Part No. - ISL9219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219 INTERSIL-ISL9219 Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Renesas Technology Corp
ISL9219 RENESAS-ISL9219 Datasheet
548Kb / 12P
Li-ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Renesas Technology Corp
ISL9219IRZ RENESAS-ISL9219IRZ Datasheet
548Kb / 12P
Li-ion Battery Charger
More results


Similar Description - ISL9219

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com