Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9219 Datasheet (PDF) - Intersil Corporation

ISL9219 Datasheet PDF - Intersil Corporation
Part # ISL9219
Download  ISL9219 Download
File Size   226.81 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete Charger for Single-Cell Li-ion/Polymer Batteries

ISL9219 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9219 Datasheet PDF - Intersil Corporation

Part # ISL9219
Download  ISL9219 Click to download

File Size   226.81 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete Charger for Single-Cell Li-ion/Polymer Batteries

ISL9219 Datasheet (HTML) - Intersil Corporation


ISL9219 Product details

The ISL9219 is a fully integrated high input voltage
single-cell Li-ion battery charger. This charger is fully in
compliance with the USB electrical specification. The
charger performs the CC/CV charge function required by
Li-ion batteries. The charger accepts an input voltage up to
28V but is disabled when the input voltage exceeds the OVP
threshold, typically 6V, to prevent excessive power
dissipation. The 28V rating eliminates the overvoltage
protection circuit required in a low input voltage charger.
The fast charge current is programmable with an external
resistor, and the end-of-charge (EOC) current is fixed at
50mA for any input source type. When the input power
source is identified as a USB port, the host controller will
further identify the power type of the port and drive the USBI
pin accordingly.
When the battery voltage is lower than the pre-charge
threshold, which is also programmable with an external
resistor, the charger preconditions the battery with an 85mA
constant current. Charge is complete when the charge current
reduces to the EOC current level during the CV charge phase.
The STAT1 and STAT2 provide unique indication for each
charging condition. An internal thermal foldback function
protects the charger from any thermal failure.
The STAT1, STAT2, TRKL and ACFLT pins are of open drain
type, allowing a simple interface to a microprocessor or an
LED. When no adapter is attached or when disabled, the
charger draws less than 1µA leakage current from the
battery.
Additional features include an OVP protected power-good
source, preconditioning of an over-discharged battery, an
NTC thermistor interface for charging the battery in a safe
temperature range, automatic recharge, and thermally
enhanced QFN package.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 0.7% Voltage Accuracy
• Programmable Charge Currents
• 250µA (Typ) Suspend Quiescent Current
• USB 100mA/500mA Comply
• Charge Current Thermal Foldback for Thermal Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Charge Status Indication
• Less than 1µA Leakage Current Off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to +85°C
• Pb-free (RoHS Compliant)




Similar Part No. - ISL9219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9219 RENESAS-ISL9219 Datasheet
548Kb / 12P
Li-ion Battery Charger
logo
Intersil Corporation
ISL9219 INTERSIL-ISL9219 Datasheet
229Kb / 12P
Li-ion Battery Charger
April 7, 2010
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
229Kb / 12P
Li-ion Battery Charger
April 7, 2010
logo
Renesas Technology Corp
ISL9219IRZ RENESAS-ISL9219IRZ Datasheet
548Kb / 12P
Li-ion Battery Charger
More results


Similar Description - ISL9219

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
Single-Cell Protector for Li-Ion Batteries
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com