Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9491 Datasheet (PDF) - Intersil Corporation

ISL9491 Datasheet PDF - Intersil Corporation
Part # ISL9491
Download  ISL9491 Download
File Size   354.0 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications

ISL9491 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9491 Datasheet PDF - Intersil Corporation

Part # ISL9491
Download  ISL9491 Click to download

File Size   354.0 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications

ISL9491 Datasheet (HTML) - Intersil Corporation


ISL9491 Product details

These devices are designed for supplying power and
control signals from advanced satellite set-top box (STB)
modules to the low noise blocks (LNBs) of single antenna
ports. Each device consists of a current-mode boost
converter and a low-noise linear regulator along with the
circuitry required for tone injection and pin controllable
interface. The device makes the total LNB supply design
simple, efficient and compact with low external
component count.
The current-mode boost converters provide the linear
regulator with input voltage that is set to the voltage at
the VOUT pin plus a minimal drop to insure minimum
power dissipation across the internal LDO. This maintains
constant voltage drop across the linear pass element
while permitting adequate voltage range for tone
injection.
The final regulated output voltage is available at the
cathode of the back diode to support the operation of an
antenna port for a single tuner. The outputs can be set to
various voltage level for the desired polarization
reception by means of the logic presented to the VSET0
and VSET1 pins. An EN pin is to be driven high to enable
the outputs for the PWM and linear combination; setting
EN low disables the output, forcing a shutdown mode.
The external modulation input (EXTM) can accept a tone
modulated DiSEqC command and transfer it
symmetrically to the output to meet DiSEqC 1.x protocol.
An external DiSEqC tank circuit can also be implemented
to support DiSEqC 2.x.

Features
• Single Chip Power Solution
- Operation for 1-Tuner/1-Dish Applications
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWMs with >92% Efficiency
- Pin Controllable Enable and Output
• 2.5V/3.3V/5V Logic Compatible
• FAULT Signal
• DIRECTV SWM Compliant
• VSET Pin to Toggle between Vertical and Horizontal
Polarizations
• External Tone Input
• Internal Overcurrent and Over-Temperature
Protection
• Pb-Free (ROHs Compliant)

Applications
• LNB Power Supply and Control for Satellite Set-Top
Box




Similar Part No. - ISL9491

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
logo
Renesas Technology Corp
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
logo
Intersil Corporation
ISL9491A INTERSIL-ISL9491A Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
ISL9491AERZ INTERSIL-ISL9491AERZ Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
logo
Renesas Technology Corp
ISL9491AERZ RENESAS-ISL9491AERZ Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
More results


Similar Description - ISL9491

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
February 11, 2005
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
LNB Power Supply and Control for Satellite Set-Top Box
October 13, 2009
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com