Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5220T Datasheet (PDF) - Intersil Corporation

EL5220T Datasheet PDF - Intersil Corporation
Part # EL5220T
Download  EL5220T Download
File Size   384.86 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5220T Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5220T Datasheet PDF - Intersil Corporation

Part # EL5220T
Download  EL5220T Click to download

File Size   384.86 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5220T Datasheet (HTML) - Intersil Corporation


EL5220T Product details

The EL5220T is a high voltage rail-to-rail input-output
amplifier with low power consumption. The EL5220T
contains two amplifiers. Each amplifier exhibits beyond
the rail input capability, rail-to-rail output capability and
is unity gain stable.
The maximum operating voltage range is from 4.5V to
19V. It can be configured for single or dual supply
operation, and typically consumes only 550μA per
amplifier. The EL5220T has an output short circuit
capability of ±200mA and a continuous output current
capability of ±65mA.
The EL5220T features a slew rate of 12V/μs. Also, the
device provides common mode input capability beyond
the supply rails, rail-to-rail output capability, and a
bandwidth of 12MHz (-3dB). This enables the amplifiers
to offer maximum dynamic range at any supply voltage.
These features make the EL5220T an ideal amplifier
solution for use in TFT-LCD panels as a VCOM or static
gamma buffer, and in high speed filtering and signal
conditioning applications. Other applications include
battery power and portable devices, especially where low
power consumption is important.
The EL5220T is available in an 8 Ld MSOP package, and a
thermally enhanced 8 Ld DFN package. Both feature a
standard operational amplifier pinout. The devices
operate over an ambient temperature range of -40°C to
+85°C.

Features
• 12MHz (-3dB) Bandwidth
• 4.5V to 19V Maximum Supply Voltage Range
• 12V/μs Slew Rate
• 550μA Supply Current (per Amplifier)
• ±65mA Continuous Output Current
• ±200mA Output Short Circuit Current
• Unity-gain Stable
• Beyond the Rails Input Capability
• Rail-to-rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-free (RoHS Compliant)

Applications
• TFT-LCD Panels
• VCOM Amplifiers
• Static Gamma Buffers
• Electronics Notebooks
• Electronics Games
• Touch-screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer




Similar Part No. - EL5220T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
logo
Renesas Technology Corp
EL5220TILZ-T13 RENESAS-EL5220TILZ-T13 Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220TIYZ INTERSIL-EL5220TIYZ Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
More results


Similar Description - EL5220T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 27, 2012
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com