Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5330 Datasheet (PDF) - Intersil Corporation

HA-5330 Datasheet PDF - Intersil Corporation
Part # HA-5330
Download  HA-5330 Download
File Size   283.81 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 650ns Precision Sample and Hold Amplifier

HA-5330 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5330 Datasheet PDF - Intersil Corporation

Part # HA-5330
Download  HA-5330 Click to download

File Size   283.81 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 650ns Precision Sample and Hold Amplifier

HA-5330 Datasheet (HTML) - Intersil Corporation


HA-5330 Product details

The HA-5330 is a very fast sample and hold amplifier
designed primarily for use with high speed A/D converters. It
utilizes the Intersil Dielectric Isolation process to achieve a
650ns acquisition time to 12-bit accuracy and a droop rate of
0.01µV/µs. The circuit consists of an input transconductance
amplifier capable of producing large amounts of charging
current, a low leakage analog switch, and an integrating
output stage which includes a 90pF hold capacitor.
The analog switch operates into a virtual ground, so charge
injection on the hold capacitor is constant and independent
of VIN. Charge injection is held to a low value by
compensation circuits and, if necessary, the resulting 0.5mV
hold step error can be adjusted to zero via the Offset Adjust
terminals. Compensation is also used to minimize leakage
currents which cause voltage droop in the Hold mode.
The HA-5330 will operate at reduced supply voltages (to
±10V) with a reduced signal range. The MIL-STD-883 data
sheet for this device is available on request.

Features
• Very Fast Acquisition . . . . . . 500ns (0.1%) 650ns (0.01%)
• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . . . . 0.01µV/µs
• Very Low Offset . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2mV
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V/µs
• Wide Supply Range. . . . . . . . . . . . . . . . . . . . . ±10V to ±20V
• Internal Hold Capacitor
• Fully Differential Input
• TTL/CMOS Compatible

Applications
• Precision Data Acquisition Systems
• D/A Converter Deglitching
• Auto-Zero Circuits
• Peak Detectors




Similar Part No. - HA-5330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
HA-5330 INTERSIL-HA-5330 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results


Similar Description - HA-5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
1 Microsecond Precision Sample and Hold Amplifier
August 24, 2005
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com