Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7586 Datasheet (PDF) - Intersil Corporation

EL7586 Datasheet PDF - Intersil Corporation
Part # EL7586
Download  EL7586 Download
File Size   692.53 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Power Supply

EL7586 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7586 Datasheet PDF - Intersil Corporation

Part # EL7586
Download  EL7586 Click to download

File Size   692.53 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Power Supply

EL7586 Datasheet (HTML) - Intersil Corporation


EL7586 Product details

The EL7586 and EL7586A represent multiple output
regulators for use in all large panel, TFT-LCD applications.
Both feature a single boost converter with an integrated 2A
FET, two positive LDOs for VON and VLOGIC generation,
and a single negative LDO for VOFF generation. The boost
converter can be programmed to operate in either P-mode
or PI-mode for improved load regulation.
Both EL7586 and EL7586A also integrate fault protection for
all four channels. Once a fault is detected, the device is
latched off until the input supply or EN is cycled. EL7586
also features an integrated start-up sequence for
VBOOST/VLOGIC, VOFF, then VON or for VLOGIC, VOFF,
VBOOST, and VON. The latter requires a single external
transistor. The timing of the start-up sequence is set using
an external capacitor.
EL7586A features an immediately-enabled VLOGIC output
which is independent of EN input. The VLOGIC output will be
switched off if a fault is detected and the power supply needs
to be recycled to reset this condition.
Both the EL7586 and EL7586A are pin-compatible, come in
the 20 Ld 4x4 QFN package, and are specified for operation
over the -40°C to +85°C temperature range.

Features
• 2A current limit FET options
• 3V to 5V input
• Up to 20V boost out
• 1% regulation on all outputs
• VLOGIC-VOFF-VBOOST-VON or
VBOOST/VLOGIC-VOFF-VON sequence control
- VLOGIC is on from start-up for EL7586A
• Programmable sequence delay
• Fully fault protected
• Thermal shutdown
• Internal soft-start
• 20 Ld 4x4 QFN packages
• Pb-free plus anneal available (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TV (up to 40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - EL7586

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
TFT-LCD Power Supply
October 7, 2005
EL7586 INTERSIL-EL7586 Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
TFT-LCD Power Supply
logo
Intersil Corporation
EL7586A INTERSIL-EL7586A Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
logo
Renesas Technology Corp
EL7586A RENESAS-EL7586A Datasheet
1Mb / 21P
TFT-LCD Power Supply
More results


Similar Description - EL7586

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
TFT-LCD Power Supply
October 7, 2005
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
TFT-LCD Power Supply
July 1, 2005
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
TFT-LCD Power Supply
September 21, 2005
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
TFT-LCD Power Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com