Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1536 Datasheet (PDF) - Intersil Corporation

ISL1536 Datasheet PDF - Intersil Corporation
Part # ISL1536
Download  ISL1536 Download
File Size   356.45 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Central Office ADSL2 Line Driver

ISL1536 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1536 Datasheet PDF - Intersil Corporation

Part # ISL1536
Download  ISL1536 Click to download

File Size   356.45 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Central Office ADSL2 Line Driver

ISL1536 Datasheet (HTML) - Intersil Corporation


ISL1536 Product details

The ISL1536 is a very low power dual channel differential
amplifier designed for central office line driving for DMT
ADSL2+. This device features a high drive capability of
400mA while consuming only 4mA of supply current per
amplifier from ±12V supplies. It integrates gain and bias
resistors while maintaining high slew rate and low distortion.

Features
• Internal Fixed Gain AV = 12.85
• Integrated Feedback Resistors
• 43.4VP-P Differential Output Drive into 100Ω
• 41.6VP-P Minimum Differential Output Drive into 60Ω
• -59dBc Typical Driver Output Distortion Driving 50Ω at 2MHz
• Low Quiescent Current of 3mA per Amplifier
• Power-Down Disable Control
• Pb-Free (RoHS Compliant)

Applications
• ADSL, ADSL2, ADSL2+ Line Drivers
• G.SHDSL, HDSL2 Line Drivers
• Video Distribution Amplifiers
• Video Twisted-pair Line Drivers




Similar Part No. - ISL1536

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 8, 2010
ISL1536 INTERSIL-ISL1536 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
ISL1536 RENESAS-ISL1536 Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
More results


Similar Description - ISL1536

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 3, 2007
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
Dual Channel CO ADSL2 Line Driver
September 28, 2006
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 19, 2007
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
December 14, 2005
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
July 11, 2007
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 8, 2010
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com