Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1536 Datasheet (PDF) - Renesas Technology Corp

ISL1536 Datasheet PDF - Renesas Technology Corp
Part # ISL1536
Download  ISL1536 Download
File Size   2223.91 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Port VDSL2 Line Driver

ISL1536 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1536 Datasheet PDF - Renesas Technology Corp

Part # ISL1536
Download  ISL1536 Click to download

File Size   2223.91 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Port VDSL2 Line Driver

ISL1536 Datasheet (HTML) - Renesas Technology Corp


ISL1536 Product details

Features
• 360mA Output Drive Capability
• 41.8VP-P Differential Output Drive into 100
• -89dBc THD @ 1MHz 2VP-P
• -65dBc MTPR (VDSL 8b Profile)
• High Slew Rate of 3000V/µs Differential
• Bandwidth (240MHz @ AV-DIFF = 10)
• Supply Current Control Pins
• Port Separation
- 78dB @ 500kHz
- 70dB @ 1MHz
- 60dB @ 4MHz
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL1536

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 8, 2010
ISL1536 INTERSIL-ISL1536 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
356Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
More results


Similar Description - ISL1536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
Dual-Port, Differential, VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
Gated-Class H, Dual-Port VDSL2 Line Driver
JANUARY 2011
THS6204 TI-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com