Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet (PDF) - Intersil Corporation

ISL1591IRTZ Datasheet PDF - Intersil Corporation
Part # ISL1591IRTZ
Download  ISL1591IRTZ Download
File Size   938.08 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Fixed Gain, Dual Port, VDSL2 Line Driver

ISL1591IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1591IRTZ Datasheet PDF - Intersil Corporation

Part # ISL1591IRTZ
Download  ISL1591IRTZ Click to download

File Size   938.08 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Fixed Gain, Dual Port, VDSL2 Line Driver

ISL1591IRTZ Datasheet (HTML) - Intersil Corporation


ISL1591IRTZ Product details

The ISL1591 provides 4 internal wideband op amps intended
to be used as two pairs of fixed gain differential line drivers.
The ISL1591’s high bandwidth, and ultra low distortion
enables the support of VDSL2 8b, 17a, and 30a in central
office modem applications. This highly versatile line driver
allows for operation from +14V to +24V nominal power
supplies, while delivering exceptional MTPR distortion
performance.
Using a single +24V supply, the ISL1591 MBPR distortion is
below -62dBc in VDSL2 8b, -63dBc in VDSL2 17a, and -60dBc
in VDSL2 30a profiles. Using a single +14V supply, ISL1591
supports 14.5dBm VDSL2 17a and 30a profiles at only a
power consumption of 425mW. This capability is ideal for
short loop, high bit rate VDSL2 applications where 14.5dBm
transmit power is all that is required. For full power VDSL2 8b
profile with 20dBm of transmit power, the line driver will
require +24V single supply.
Each of the 4 internal op amps is a wideband current feedback
amplifier offering very high slew rate intrinsic to that design
using low quiescent current levels. Each of the two pair of
amplifiers (ports) can also be power optimized to the
application using two external quiescent control logic pins. Full
power is nominally 14mA/port with options of medium power
cutback to 9.7mA/port, a low power condition at 7.4mA/port,
and an off state at <0.5mA/port.
High power push/pull line driver applications are best
supported using a low headroom, high output current device.
On +24V supplies, the ISL1591 offers a 1.6V headroom with
>360mA peak output current. Driving differentially, this gives
>42.4VP-P swing to as low as 58Ω differential load. The four
amplifiers in ISL1591 are intended to be used as differential
pairs and not as individual amplifiers.

Features
• Internal Fixed Gain of 11.6V/V at RLOAD
• ±360mA Output Drive Capability
• 42.4VP-P Differential Output Drive into 82.6Ω
• -62dBc MBPR (VDSL 8b Profile)
• -65dBc US1, -63dBc US2 MBPR (VDSL2 17a Profile)
• -64dBc US1, -62dBc US2, -60dBc US3 MBPR (VDSL 30a
Profile)
• High Slew Rate of 2000V/µs Differential
• Bandwidth (170MHz)
• Supply Current Control Pins
• K.20, GR-1089 Surge Robustness Validated
• Pb-Free (RoHS Compliant)

Applications
• ADSL2+
• VDSL2 Profiles: 8MHz, 17MHz, and 30MHz




Similar Part No. - ISL1591IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-EVALZ INTERSIL-ISL1591IRTZ-EVALZ Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-T13 INTERSIL-ISL1591IRTZ-T13 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-T7 INTERSIL-ISL1591IRTZ-T7 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results


Similar Description - ISL1591IRTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
Dual-Port, Differential, VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
Gated-Class H, Dual-Port VDSL2 Line Driver
JANUARY 2011
THS6204 TI-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com