Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 9Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 11Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 12Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 13Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL1591
10
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C0 = 3.3V, C1 = 0V (85%power) unless otherwise noted.
FIGURE 27. SMALL SIGNAL BW vs SUPPLY VOLTAGE
FIGURE 28. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
(AFTER RB)
FIGURE 29. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 30. VDSL2 30a PROFILE MTBR US1
FIGURE 31. VDSL2 30a PROFILE MTBR US2
FIGURE 32. VDSL2 30a PROFILE MTBR US3
-6
-3
0
3
6
100k
1M
10M
100M
1G
10V
12V
14V
20V
24V
FREQUENCY (Hz)
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
CL = 1pF
CL = 5pF
CL = 22pF
CL = 47pF
FREQUENCY (Hz)
-6
-3
0
3
6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Rb = 8.25Ω with RLOAD = 82.5Ω
Rb = 5.1Ω with RLOAD = 51Ω
51
Ω RLOAD
82.5
Ω RLOAD
-40
-30
-20
-10
0
10
-90
-80
-70
-60
-50
37M
39M
41M
43M
45M
47M
49M
51M
FREQUENCY (Hz)
14.5dBm, PAR = 6.08
Avg US1 MTBR = -64dBc
FULL POWER MODE
FREQUENCY (Hz)
83M
93M
103M
113M
123M
133M
-40
-30
-20
-10
0
10
-90
-80
-70
-60
-50
14.5dBm, PAR = 6.08
Avg US2 MTBR = -62dBc
FULL POWER MODE
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
21M
22M
23M
24M
25M
FREQUENCY (Hz)
0
14.5dBm, PAR = 6.08
Avg US3 MTBR = -60dBc
FULL POWER MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com