Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 11Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 12Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 13Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 14Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 15Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 16Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 17Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
ISL1591
18
FN7625.1
October 31, 2012
Package Outline Drawing
L24.4X4F
24 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 1/11
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
Compliant to JEDEC MO-220 VGGD-8.
7.
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
4.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
19
PIN #1
24
2.50
20X 0.50
EXP. DAP
6
1
18
13
12
24X 0.400 ±0.10
7
6
2.50
0.75 ±0.05
SEE DETAIL "X"
SEATING PLANE
0.08
0.10
C
C
C
( 3.80 )
( 2.50 )
( 24 X 0.60)
(24X 0.25)
( 20X 0.50)
( 3.80 )
( 2.50)
0.10
24X 0.250 ±0.050
A
MC
B
4
2.50 ±0.05 SQ.
INDEX AREA
0.25 MIN (4 SIDES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com