Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL1591IRTZ Datasheet HTML 1Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL1591
3
FN7625.1
October 31, 2012
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1
VINA+
Amplifier A non-inverting input
2
VINB+
Amplifier B non-inverting input
3
VCMAB
Input common mode bias for port AB(#1)
4
VCMCD
Input common mode bias for port CD(#2)
5
VINC+
Amplifier C non-inverting input
6
VIND+
Amplifier D non-inverting input
7
C1CD
DSL Port #2 current control pin
8
C0CD
DSL Port #2 current control pin
9
FBD
Feedback pin for amplifier D
10
VOUTD
Amplifier D output
11
VOUTC
Amplifier C output
12
FBC
Feedback pin for amplifier C
13
GND
Ground
14, 15, 16, 17
DNC
Do not connect
18
+VS
Positive supply voltage
19
FBB
Feedback pin for amplifier B
20
VOUTB
Amplifier B output
21
VOUTA
Amplifier A output
22
FBA
Feedback pin for amplifier A
23
C0AB
DSL Port #1 current control pin
24
C1AB
DSL Port #1 current control pin
-
THERMAL PAD
Connects to GND
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1591IRTZ
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-T7 (Note 1)
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-T13 (Note 1)
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1591. For more information on MSL please see tech brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com