Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 9Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 11Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 12Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 13Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 14Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL1591
11
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C1 = 3.3V, C0 = 0V (50%power) unless otherwise noted.
FIGURE 33. SMALL SIGNAL BW vs SUPPLY VOLTAGE
FIGURE 34. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 35. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 36. VDSL2+ 8b PROFILE MTBR
-6
-3
0
3
6
100k
1M
10M
100M
1G
10V
12V
14V
20V
24V
FREQUENCY (Hz)
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
CL = 1pF
CL = 5pF
CL = 22pF
CL = 47pF
FREQUENCY (Hz)
-6
-3
0
3
6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Rb = 8.25Ω with RLOAD = 82.5Ω
Rb = 5.1Ω with RLOAD = 51Ω
51
Ω RLOAD
82.5
Ω RLOAD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3.75M
4.15M
4.55M
4.95M
FREQUENCY (Hz)
PAR = 5.4
20.2dBm
Avg. US1 MTBR = -65dBc
5.35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com