Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1591IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL1591IRTZ Datasheet HTML 1Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL1591
5
FN7625.1
October 31, 2012
VIL
Logic Low Voltage
C0 and C1 inputs
0.8
V
IIH0 , IIH1
Logic High Current for C0, C1
C0 = 3.3V, C1 = 3.3V
-7.5
1
+7.5
µA
IIL0, IIL1
Logic Low Current for C0, C1
C0 = 0V, C1 = 0V
-17
-13
-10
µA
SUPPLY CHARACTERISTICS
Maximum Operating Supply
Voltage
+25.2
V
Minimum Operating Supply
Voltage
+14
V
IS+ (Full Power)
Positive Supply Current per Port
All outputs at VCM, C0 = C1 = 0V, +VS = 24V
13
14
14.9
mA
+VS = 14V
9.7
10.8
12
mA
IS+ (Medium)
Positive Supply Current per Port
All outputs at VCM, C0 = 3.3V, C1 = 0V,
+VS =24V
9.1
9.7
10.5
mA
+VS = 14V
6.7
7.2
8.0
mA
IS+ (Low)
Positive Supply Current per Port
All outputs at VCM, C0 = 0V, C1 = 3.3V,
+VS =24V
6.8
7.4
8.1
mA
+VS = 14V
5.0
5.4
6.1
mA
IS+ (Power-down)
Positive Supply Current per Port
All outputs at VCM, C0 = C1 = 3.3V,
+VS =24V
0.4
0.5
0.65
mA
+VS = 14V
0.3
0.4
0.5
mA
OUTPUT CHARACTERISTICS
VOUT
Output Swing
RL-DIFF = No Load
+22
+22.4
V
Lightly Loaded Output Swing
RL-DIFF = 100Ω
+20.2
+21.2
V
IOL
Linear Output Current
RL = 25Ω, f = 100kHz, THD = -60dBc
±360
mA
IOUT
Peak Output Current
VOUT = ±1V, RL = 1Ω
±600
mA
VOS-OUT
Differential Output Offset Voltage
-150
25
+150
mV
VOS-CM
Common Mode Output Offset
Voltage
-50
-20
+50
mV
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range at
each of the 4 Non-Inverting Input
Pins
+4.5
+19.5
V
CMRR
Common Mode Rejections for
each Port. VCM = +4.5V to +19.5V
VCM to Differential Mode Output (Input
Referred), DC
66
dB
VCM to Commonl Mode Output (Output
Referred), DC
55
dB
PSRR
Power Supply Rejections for each
Port to Differential Output (Input
Referred)
+VS = +15V to +24V, GND = 0V, DC
66
dB
Power Supply Rejections for each
Port to Common Mode Output
(Output Referred)
+VS = +15V to +24V, GND = 0V, DC
58
dB
RIN
Input Resistance
Differential
6.0
k
Ω
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS = +24V, RL= 82.6Ω differential, C0 = C1 = 0V, TA = +25°C. Amplifier pairs tested separately,
unless otherwise indicated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com