Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55110EVAL1Z Datasheet (PDF) - Intersil Corporation

ISL55110EVAL1Z Datasheet PDF - Intersil Corporation
Part # ISL55110EVAL1Z
Download  ISL55110EVAL1Z Download
File Size   475.45 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, High Speed MOSFET Driver

ISL55110EVAL1Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55110EVAL1Z Datasheet PDF - Intersil Corporation

Part # ISL55110EVAL1Z
Download  ISL55110EVAL1Z Click to download

File Size   475.45 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, High Speed MOSFET Driver

ISL55110EVAL1Z Datasheet (HTML) - Intersil Corporation


ISL55110EVAL1Z Product details

The ISL55110 and ISL55111 are dual high speed MOSFET
drivers intended for applications requiring accurate pulse
generation and buffering. Target applications include
ultrasound, CCD imaging, piezoelectric distance sensing and
clock generation circuits.
With a wide output voltage range and low ON-resistance, these
devices can drive a variety of resistive and capacitive loads
with fast rise and fall times, allowing high-speed operation
with low skew, as required in large CCD array imaging
applications.
The ISL55110, ISL55111 are compatible with 3.3V and 5V
logic families and incorporate tightly controlled input
thresholds to minimize the effect of input rise time on output
pulse width. The ISL55110 has a pair of in-phase drivers while
the ISL55111 has two drivers operating in anti-phase.
ISL55110 and ISL55111 have a power-down mode for low
power consumption during equipment standby times, making
it ideal for portable products.
The ISL55110 and ISL55111 are available in 16 Ld Exposed
pad QFN packaging and 8 Ld TSSOP. Both devices are
specified for operation over the full -40°C to +85°C
temperature range.

Features
• 5V to 12V pulse amplitude
• High current drive 3.5A
• 6ns minimum pulse width
• 1.5ns rise and fall times, 100pF load
• Low skew
• 3.3V and 5V logic compatible
• In-phase (ISL55110) and anti-phase outputs (ISL55111)
• Small QFN and TSSOP packaging
• Low quiescent current
• Pb-free (RoHS compliant)

Applications
• Ultrasound MOSFET driver
• CCD array horizontal driver
• Clock driver circuits




Similar Part No. - ISL55110EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55110EVAL1Z RENESAS-ISL55110EVAL1Z Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
ISL55110EVAL1Z RENESAS-ISL55110EVAL1Z Datasheet
919Kb / 19P
Dual, High Speed MOSFET Driver
Rev 9.0 Apr 29, 2021
More results


Similar Description - ISL55110EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
High Speed, Dual MOSFET Driver
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
DUAL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com