Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62883 Datasheet (PDF) - Intersil Corporation

ISL62883 Datasheet PDF - Intersil Corporation
Part # ISL62883
Download  ISL62883 Download
File Size   1681.76 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs

ISL62883 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62883 Datasheet PDF - Intersil Corporation

Part # ISL62883
Download  ISL62883 Click to download

File Size   1681.76 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs

ISL62883 Datasheet (HTML) - Intersil Corporation


ISL62883 Product details

The ISL62883 is a multiphase PWM buck regulator for
miroprocessor core power supply. The multiphase buck converter
uses interleaved phase to reduce the total output voltage ripple with
each phase carrying a portion of the total load current, providing
better system performance, superior thermal management, lower
component cost, reduced power dissipation, and smaller
implementation area. The ISL62883 uses two integrated gate
drivers and an external gate driver to provide a complete solution.
The PWM modulator is based on Intersil's Robust Ripple Regulator
(R3) technology™. Compared with traditional modulators, the R3™
modulator commands variable switching frequency during load
transients, achieving faster transient response. With the same
modulator, the switching frequency is reduced at light load,
increasing the regulator efficiency.
The ISL62883 is fully compliant with IMVP-6.5™ specifications. It
responds to PSI# and DPRSLPVR signals by adding or dropping
PWM3 and Phase-2 respectively, adjusting overcurrent protection
threshold accordingly, and entering/exiting diode emulation mode.
It reports the regulator output current through the IMON pin. It
senses the current by using either a discrete resistor or inductor
DCR whose variation over temperature can be thermally
compensated by a single NTC thermistor. It uses differential
remote voltage sensing to accurately regulate the processor die
voltage. The adaptive body diode conduction time reduction
function minimizes the body diode conduction loss in diode
emulation mode. User-selectable overshoot reduction function
offers an option to aggressively reduce the output capacitors as
well as the option to disable it for users concerned about
increased system thermal stress. In 2-Phase configuration, the
ISL62883 offers the FB2 function to optimize 1-Phase
performance.
The ISL62883B has the same functions as the ISL62883, but
comes in a different package.

Features
• Precision Multiphase Core Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Microprocessor Voltage Identification Input
- 7-Bit VID Input, 0.300V to 1.500V in 12.5mV Steps
- Supports VID Changes On-The-Fly
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Supports PSI# and DPRSLPVR modes
• Superior Noise Immunity and Transient Response
• Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Programmable 1-, 2- or 3-Phase Operation
• Two Integrated Gate Drivers
• Excellent Dynamic Current Balance Between Phases
• FB2 Function in 2-Phase Configuration to Optimize 1-Phase
Performance
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Small Footprint 40 Ld 5x5 or 48 Ld 6x6 TQFN Package
• Pb-Free (RoHS Compliant)

Applications
• Notebook Computers




Similar Part No. - ISL62883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883B RENESAS-ISL62883B Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883B INTERSIL-ISL62883B Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
More results


Similar Description - ISL62883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
April 29, 2010
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
Multiphase PWM Regulator for IMVP-6 Mobile CPUs
June 21, 2010
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com