Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78171 Datasheet (PDF) - Intersil Corporation

ISL78171 Datasheet PDF - Intersil Corporation
Part # ISL78171
Download  ISL78171 Download
File Size   931.62 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control

ISL78171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78171 Datasheet PDF - Intersil Corporation

Part # ISL78171
Download  ISL78171 Click to download

File Size   931.62 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control

ISL78171 Datasheet (HTML) - Intersil Corporation


ISL78171 Product details

ISL78171 is a 6-channel, 50mA, LED driver capable of very
high dynamic range dimming. It offers an integrated boost
converter, six high precision, adjustable current sinks and a
SMBus/I2C interface for digital programmability and extensive
diagnostics. These features provide the ISL78171 with the
necessary capabilities to design compact, highly versatile LED
backlight for a wide variety of ambient lighting conditions.
The integrated peak current mode PWM boost converter
operates with a constant frequency and can boost an input
voltage range of 4.5V - 26.5V to an output up to 40V and supply
six strings of LEDs with up to 50mA each. A dynamic headroom
control circuit detects and regulates the highest voltage string to
improve efficiency in multistring configurations.
The six high precision adjustable current sinks offer typical
current matching better than ±1% and a dimming ratio that is
capable of exceeding 60,000:1. The dimming ratio can be
adjusted with either or both the I2C/SMBus and an external
PWM signal. They also feature an optional channel phase shift
control which helps to reduce the input and output
capacitance and ripple, to improve efficiency and to prevent
audible noise.
The SMBus/I2C interface offers a wide range of
programmability that includes the boost FET slew rate control,
individual string enabling and converter switching frequency
selections. It offers a wide range of protection features and
diagnostics that cover all perceivable faults, enabling the
system to self-diagnose the functioning of the backlight and
react to such conditions as failed LEDs. The ISL78171 is offered
in a compact and thermally efficient 20 Ld QFN package with an
ambient temperature range of -40°C to +105°C.

Features
• 6 channels at 50mA maximum per channel
• Input voltage: 4.5V to 26.5V, output voltage: 40V max
• Bootstrap operation Input:3V to 21V output: 26.5V max
• PWM dimming with phase shift control
• SMBus/I2C controlled PWM or DC dimming
• Direct PWM dimming
• Internal PWM dimming mode linearity: 0.4% to 100%,
dimming frequency <30kHz
• Direct PWM dimming duty cycle linearity: 0.007% to 100%
at a dimming frequency of 200Hz
• Current matching ±0.7% typ
• 600kHz/800kHz/1.2MHz selectable switching frequency
• Dynamic headroom control
• Fault protection
- String open/short circuit, OVP, OTP and optional output
short circuit fault protection
• AEC-Q100 qualified

Applications
• Infotainment display LED backlighting
• LCD monitor LED backlighting
• Field sequential RGB LED backlighting




Similar Part No. - ISL78171

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78171 RENESAS-ISL78171 Datasheet
1Mb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL78171ARZ RENESAS-ISL78171ARZ Datasheet
1Mb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL78171ARZ-EVALZ RENESAS-ISL78171ARZ-EVALZ Datasheet
1Mb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
More results


Similar Description - ISL78171

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL78171 RENESAS-ISL78171 Datasheet
1Mb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com