Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX98728EC Datasheet (PDF) - Macronix International

MX98728EC Datasheet PDF - Macronix International
Part # MX98728EC
Download  MX98728EC Download
File Size   389.18 Kbytes
Page   71 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description GMAC SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER FOR GENERIC APPLICATION

MX98728EC Datasheet (PDF)

Go To PDF Page Download Datasheet
MX98728EC Datasheet PDF - Macronix International

Part # MX98728EC
Download  MX98728EC Click to download

File Size   389.18 Kbytes
Page   71 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description GMAC SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER FOR GENERIC APPLICATION

MX98728EC Datasheet (HTML) - Macronix International


MX98728EC Product details

 Introduction
MX98728EC ( GMAC ) is a general purpose single chip 10/100 Fast Ethernet controller. With no glue logic or very little extra logic, it can be used in a variety of system applications through its host bus interface. Single chip solution will help reduce system cost, not only on the IC count but also on the board size. Full NWAY function with 10/100 transceiver will ease the field installation. Simply plug the chip in and it will connect itself with the best protocol available.

Features
• 32 bits general purpose asynchronous bus architecture up to 33Mhz for easy system application
• Single chip solution integrating 10/100 TP transceiver to reduce overall cost
• Optional MII interface for external tranceiver.
• Fully compliant with the IEEE 802.3u spec.
• Supports 32/16 bits x1, x2, x4 burst read transfers for the receive packet buffer
• Packet buffer access through an IO mapped port or host DMA for a wide variety of bus applications
• Programmable bus integrity check timer and interrupt assertion scheme
• Supports 16/8 bits packet buffer data width and 32/ 16 bits host bus data width
• Separated TX and RX FIFOs to support the full duplex mode, independent TX and RX channel
• Rich on-chip registers to support a wide variety of network management functions
• 1.6KB TX FIFO to support maximum network throughput in the full duplex mode
• 16/8 bits SRAM interface of the packet buffer supporting burst DMA for on-chip FIFOs
• Flexible packet buffer partition and addressing space for up to 1MB
• NWAY autonegotiation function to automatically set up network speed and protocol
• 3 loop back modes for system level diagnosis
• Supports 64 bits hash table for multicast addressing, broadcast control.
• Optional EEPROM configuration, supports 1K bits and 4K bits EEPROM interface
• Supports software EEPROM interface for easy upgrade of EEPROM contents
• 5V CMOS in an 160 PQFP package




Similar Part No. - MX98728EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Macronix International
MX98726 MCNIX-MX98726 Datasheet
288Kb / 55P
SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
More results


Similar Description - MX98728EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98726 MCNIX-MX98726 Datasheet
288Kb / 55P
SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
Microchip Technology
LAN89218 MICROCHIP-LAN89218 Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
Single-chip Internet-enabled 10/100 Ethernet Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com