Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC184 Datasheet (PDF) - Micrel Semiconductor

MIC184 Datasheet PDF - Micrel Semiconductor
Part # MIC184
Download  MIC184 Download
File Size   140.34 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Local/Remote Thermal Supervisor Advance Information

MIC184 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC184 Datasheet PDF - Micrel Semiconductor

Part # MIC184
Download  MIC184 Click to download

File Size   140.34 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Local/Remote Thermal Supervisor Advance Information

MIC184 Datasheet (HTML) - Micrel Semiconductor


MIC184 Product details

General Description
The MIC184 is a versatile digital thermal supervisor capable of measuring temperature using either its own internal sensor or an inexpensive external sensor. A 2-wire serial interface is provided to allow communication with either I2C or SMBus masters. This device is a pin-for-pin and software compatible upgrade for the industry standard LM75.
Additional features include remote temperature measurement capability, and interrupt status and mask bits in the chip’s configuration register for software polling. The open-drain interrupt output pin can be used as either an overtemperature alarm or thermostatic control signal. Three programmable ad dress pins permit users to multidrop up to 8 devices along the 2-wire bus, allowing simple distributed temperature sensing networks. Superior performance, low power and small size makes the MIC184 an excellent choice for the most demand ing thermal management applications.

Features
• Measures local and remote temperatures
• Pin and software backward compatible to LM75
• 9-bit sigma-delta ADC
• 2-wire I2C/SMBus compatible interface
• Programmable thermostatic settings for either internal or external zone
• Open-drain comparator/interrupt output pin
• Interrupt mask and status bits
• Low-power shutdown mode
• Fail-safe response to diode faults
• 2.7V to 5.5V power supply range
• Up to 8 devices may share the same bus
• 8-Lead SOP and MSOP Packages

Applications
• Desktop, Server and Notebook Computers
• Printers and Copiers
• Test and measurement equipment
• Consumer electronics




Similar Part No. - MIC184

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC184BM MICREL-MIC184BM Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
MIC184BMM MICREL-MIC184BMM Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
MIC184YM MICREL-MIC184YM Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
MIC184YMM MICREL-MIC184YMM Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
More results


Similar Description - MIC184

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
Micro-Power Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
Three-Zone Thermal Supervisor Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com