Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet (PDF) - Micrel Semiconductor

MIC2774 Datasheet PDF - Micrel Semiconductor
Part # MIC2774
Download  MIC2774 Download
File Size   381.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Micro-Power Low Voltage Supervisor Advance Information

MIC2774 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2774 Datasheet PDF - Micrel Semiconductor

Part # MIC2774
Download  MIC2774 Click to download

File Size   381.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Micro-Power Low Voltage Supervisor Advance Information

MIC2774 Datasheet (HTML) - Micrel Semiconductor


MIC2774 Product details

General Description
The MIC2774 is a dual power supply supervisor that provides undervoltage monitoring, manual reset capability, and power-on reset generation in a compact 5-pin SOT-23 package. Features include two undervoltage detectors, one fixed and one adjustable, and a choice of reset outputs. One undervoltage detector compares VDD against a fixed threshold. Ten factory-programmed thresholds are available. The second, user-adjustable input is compared against a 300mV reference. This low reference voltage allows for the monitoring of voltages lower than those supported by previous supervisor ICs.

Features
• Monitors two independent power supplies for undervoltage conditions
• One fixed and one user-adjustable input
• Choice of ten factory-programmed thresholds
• Adjustable input can monitor supplies as low as 0.3V
• Generates 140ms (min.) power-on reset pulse
• Manual reset input
• Choice of active-high, active-low, or open-drain active-low reset outputs
• Inputs may be pulled above VDD (7V abs. max.)
• /RST output valid down to 1.2V
• Ultra-low supply current, 3.5µA typical
• Rejects brief input transients
• IttyBitty™ 5-pin SOT-23 package
• Pin-compatible upgrade for MAX6306/09/12

Applications
• Monitoring processor ASIC or FPGA core and I/O voltages
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless/cellular systems
• Networking hardware




Similar Part No. - MIC2774

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
732Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
Micrel Semiconductor
MIC2774H-17YM5 MICREL-MIC2774H-17YM5 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MIC2774H-17YM5-TR MICROCHIP-MIC2774H-17YM5-TR Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Similar Description - MIC2774

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
Local/Remote Thermal Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
Micro-Power Voltage Supervisor Advance Information
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
Three-Zone Thermal Supervisor Advance Information
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com