Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet (PDF) - Microchip Technology

MIC2774 Datasheet PDF - Microchip Technology
Part # MIC2774
Download  MIC2774 Download
File Size   1864.38 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual Micropower Low Voltage Supervisor

MIC2774 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2774 Datasheet PDF - Microchip Technology

Part # MIC2774
Download  MIC2774 Click to download

File Size   1864.38 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual Micropower Low Voltage Supervisor

MIC2774 Datasheet (HTML) - Microchip Technology


MIC2774 Product details

General Description
The MIC2774 is a dual power supply supervisor that
provides undervoltage monitoring, manual reset
capability, and power-on reset generation in a compact
5-pin SOT-23 package. Features include two
undervoltage detectors, one fixed and one adjustable,
and a choice of reset outputs. One undervoltage
detector compares VDD against a fixed threshold. Ten
factory-programmed thresholds are available. The
second, user-adjustable input is compared against a
300 mV reference. This low reference voltage allows
for the monitoring of voltages lower than those
supported by previous supervisor ICs.
The reset outputs are asserted at power-on and at any
time either voltage drops below the programmed
threshold voltage and remains asserted for 140 ms
(min.) after they subsequently rise back above the
threshold boundaries. Manual reset functionality can
be provided by a switch connected between ground
and the /MR input. A wide choice of voltage thresholds
provides for a variety of supply voltages and
tolerances. Hysteresis is included to prevent chattering
due to noise. Typical supply current is a low 3.5 μA.

Features
• Monitors Two Independent Power Supplies for
Undervoltage Conditions
• One Fixed and One User-Adjustable Input
• Choice of Ten Factory-Programmed Thresholds
• Adjustable Input can Monitor Supplies as Low as
0.3V
• Generates 140 ms (min.) Power-On Reset Pulse
• Manual Reset Input
• Choice of Active-High, Active-Low, or Open-Drain
Active-Low Reset Outputs
• Inputs May be Pulled Above VDD (7V abs. max.)
• /RST Output Valid Down to 1.2V
• Ultra-Low Supply Current, 3.5 μA Typical
• Rejects Brief Input Transients
• IttyBitty 5-pin SOT-23 Package
• Pin-Compatible upgrade for MAX6306/09/12

Applications
• Monitoring Processor ASIC or FPGA Core and
I/O Voltages
• PDAs, Handheld PCs
• Embedded Controllers
• Telecommunications Systems
• Power Supplies
• Wireless/Cellular Systems
• Networking Hardware




Similar Part No. - MIC2774

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2774 MICREL-MIC2774 Datasheet
732Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
MIC2774H-17YM5 MICREL-MIC2774H-17YM5 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
MIC2774H-17YM5TR MICREL-MIC2774H-17YM5TR Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
More results


Similar Description - MIC2774

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS836 STMICROELECTRONICS-TS836 Datasheet
73Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
Sep-1998
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
CM3400 CALMIRCO-CM3400 Datasheet
218Kb / 9P
Micropower, Universal Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831_01 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com