Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology MIC2774 Datasheet HTML 10Page - Microchip Technology MIC2774 Datasheet HTML 11Page - Microchip Technology MIC2774 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MIC2774
DS20006527A-page 8
2022 Microchip Technology Inc.
4.3
Input Bias Current Effects
Now that the resistor values are known, it is possible to
calculate the maximum potential error due to input bias
current, IIN. As shown in the Electrical Characteristics
table, the maximum value of IIN is 10 nA. Note that the
typical value is a much smaller 5 pA. The magnitude of
the offset caused by IIN is given by:
EQUATION 4-4:
The typical error is about three orders of magnitude
lower than this—close to one microvolt. Generally, the
error due to input bias can be discounted. If it is to be
taken into account, simply adjust the target threshold
voltage downward by this amount and recalculate R1
and R2. The resulting value will be very close to
optimum. If accuracy is more important than the
quiescent current in the resistors, simply reduce the
value of RTOTAL to minimize offset errors.
FIGURE 4-1:
MIC2774 Example Design.
4.4
Interfacing to Processors with
Bidirectional Reset Pins
Some microprocessors have reset signal pins that are
bidirectional, rather than input-only. The Motorola
68HC11 family is one example. Because the
MIC2774N’s output is open-drain, it can be connected
directly to the processor’s reset pin using only the
pull-up resistor normally required. See Figure 4-2.
FIGURE 4-2:
Interfacing to Bidirectional
Reset Pin.
4.5
Transient Response
The MIC2774 is inherently immune to very short
negative-going glitches. Very brief transients may
exceed the voltage thresholds without tripping the
output.
In general, as shown in Figure 4-3 and Figure 4-4, the
narrower the transient, the deeper the threshold
overdrive that the MIC2774 will ignore. The graphs
represent the typical allowable transient duration for a
given amount of threshold overdrive that will not
generate a reset.
FIGURE 4-3:
Typical Input Transient
Response.
FIGURE 4-4:
Typical VDD Transient
Response.
VERROR = IIN(max) × (R1||R2)
VERROR = ±1×10-8A × 2.189×105Ω
VERROR = ±2.189×10-3V
VERROR = ±2.189 mV
IN
/RST
VDD
/MR
GND
MIC2774L-23
R1
1%
R2
1%
/RESET
VCORE
GND
V
CORE
1.0V 5%
MANUAL
RESET
MICROPROCESSOR
VI/O
V
I/O
2.5V 5%
IN
/RST
VDD
/MR
GND
MIC2774N-XX
R1
R2
/RESET
VCC
GND
V
CC
MICROPROCESSOR
0
5
10
15
20
25
30
35
40
0
100
200
300
RESET COMP. OVERDRIVE, V
REF - VIN (mV)
0
20
40
60
80
100
0
500
1000
1500
2000
RESET COMP. OVERDRIVE, V
REF - VDD (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com