Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2774 Datasheet HTML 1Page - Microchip Technology MIC2774 Datasheet HTML 2Page - Microchip Technology MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MIC2774
DS20006527A-page 2
2022 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
Note:
Pinout and polarity vary by device type. See the Product Identification System for details.
MIC2774
IN
/RST
VDD
/MR
GND
MIC2774L-23
R1
R2
/RESET
VCORE
GND
POWER_GOOD
V
CORE 1.0V
MANUAL
RESET
MICROPROCESSOR
VI/O
V
I/O 2.5V
GND
VDD
/MR
IN
MIC2774
VREF
V
VDD
REF
RST*
R
S
Q
/Q
/RST*
DELAY
LINE
ONE SHOT
IPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com