Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology MIC2774 Datasheet HTML 10Page - Microchip Technology MIC2774 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 7
MIC2774
4.0
APPLICATION INFORMATION
4.1
Programming the Voltage
Threshold
Referring to the Typical Application Circuit, the voltage
threshold on the IN pin is calculated as follows:
EQUATION 4-1:
In order to provide the additional criteria needed to
solve for the resistor values, the resistors can be
selected such that the two resistors have a given total
value; that is, R1 + R2 = RTOTAL. Imposing this
condition on the resistor values provides two equations
that can be solved for the two unknown resistor values.
A value such as 1 MΩ for RTOTAL is a reasonable
choice because it keeps quiescent current to a
generally acceptable level while not causing any
measurable errors due to input bias currents. The
larger the resistors, the larger the potential errors due
to input bias current (IIN). The maximum recommended
value of RTOTAL is 3 MΩ.
Applying this criteria and rearranging the VIH
expression to solve for the resistor values gives:
EQUATION 4-2:
4.2
Application Example
Figure 4-1 illustrates a hypothetical MIC2774L-23
application in which the MIC2774L-23 is used to
monitor the core and I/O supplies of a
high-performance CPU or DSP. The core supply,
VCORE, in the example is 1.0V ±5%. The main power
rail and I/O voltage, VI/O, is 2.5V ±5%. As shown in
Figure 4-1, the MIC2774 is powered by VI/O. The
minimum value of VI/O is 2.5V – 5% = 2.375V; the
maximum is 2.5V + 5% = 2.625V. This is well within the
device’s supply range of 1.5V to 5.5V.
Resistors R1 and R2 must be selected to correspond to
the VCORE supply of 1.0V. The goal is to ensure that the
core supply voltage is adequate to ensure proper
operation; i.e., VCORE ≥ (1.0V – 5%) = 0.950V. Because
there is always a small degree of uncertainty due to the
accuracy of the resistors, variations in the device’s
voltage reference, etc., the threshold will be set slightly
below this value. The potential variation in the
MIC2774’s voltage reference (VREF) is specified as
±1.5%. The resistors chosen will have their own
tolerance specifications. This example assumes the
use of 1% accurate resistors. The potential worst-case
error contribution due to input bias current can be
calculated once the resistor values are chosen. If the
guidelines above regarding the maximum total value of
R1 + R2 are followed, this error contribution will be very
small thanks to the MIC2774’s very low input bias
current.
To summarize, the various potential error sources are:
• Variation in VREF: specified at ±1.5%
• Resistor tolerance: chosen by designer (typically
≤±1%)
• Input bias current, IIN: calculated once resistor
values are known, typically very small
Taking the various potential error sources into account,
the threshold voltage will be set slight below the
minimum VCORE specification of 0.950V so that when
the actual threshold voltage is at its maximum, it will not
intrude into the normal operating range of VCORE. The
target threshold voltage will be set as follows:
Given that the total tolerance on VTH for the IN pin is
[VREF tolerance] + [resistor tolerance]
= ±1.5% + ±1% = ±2.5%,
and VTH(max) = VCORE(min),
then VCORE(min) = VTH + 2.5% VTH = 1.025 VTH,
therefore, solving for VTH results in
EQUATION 4-3:
Solving for R1 and R2 using this value for VTH and the
equations above yields:
R1 = 676.3 kΩ ≈ 673 kΩ
R2 = 323.7 kΩ ≈ 324 kΩ
The resulting circuit is shown in Figure 4-1.
VIH VREF
R1 R2
+
R2
--------------------
=
Where:
VREF = 0.300V
R2
RTOTAL VREF
VIH
--------------------------------------
=
R1
RTOTAL R2
–
=
VTH
VCORE MIN
1.025
------------------------------
0.950
1.025
-------------
0.9268V
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com