Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2774 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2774 Datasheet HTML 1Page - Microchip Technology MIC2774 Datasheet HTML 2Page - Microchip Technology MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC2774
DS20006527A-page 4
2022 Microchip Technology Inc.
FIGURE 1-1:
Timing Diagram.
Note 1: Propagation delays not shown for clarity.
2: The MIC2774 ignores very brief transients. See the Application Information section for details.
RST or /RST Output Voltage
High (H and L versions)
VOH
0.8 ×
VDD
—
—
V
ISOURCE = 500 µA; VDD ≥ 1.5V
0.8 ×
VDD
—
—
ISOURCE = 10 µA; VDD ≥ 1.2V;
Note 3
/MR Inputs
Input High Voltage
VIH
0.7 ×
VDD
—
—
V
Note 2
Input Low Voltage
VIL
—
—
0.3 ×
VDD
V
Note 2
Propagation Delay
tPROP
—
5
—
µs
V/MR < (VIL – 100 mV) Note 2
Minimum Input Pulse Width
tMIN
—
33
—
ns
Reset occurs, V/MR < VIL
Internal Pull-Up Current
IPU
—
100
250
nA
—
Input Current, /MR
IIN
—
100
250
nA
V/MR < VIL
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Temperature Range
TA
–40
—
+85
°C
Note 1
Storage Temperature Range
TS
–65
—
+150
°C
—
Package Thermal Resistance
Thermal Resistance, SOT-23 5-Ld
θJA
—
256
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +85°C rating. Sustained junction temperatures above +85°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted. Note 1, Note 2
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: VDD equals nominal “Typical Application (VDD)” as shown in Table 5-1.
3: VDD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.
V/MR
VIH
VIL
VIN
0V
VTH
VDD
0V
V/RST
(ACTIVE LOW)
VOH
VOL
VRST
(ACTIVE HIGH)
VOH
VOL
tRST
tRST
> tMIN
tRST
VHYST
A
A
A
VREF
VHYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com