Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS836 Datasheet (PDF) - STMicroelectronics

TS836 Datasheet PDF - STMicroelectronics
Part # TS836
Download  TS836 Download
File Size   73.38 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH

TS836 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS836 Datasheet PDF - STMicroelectronics

Part # TS836
Download  TS836 Click to download

File Size   73.38 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH

TS836 Datasheet (HTML) - STMicroelectronics


TS836 Product details

DESCRIPTION
The TS836 ultra low power integrated circuit incorporates a high stability band-gap voltage reference and a comparator with open drain output.
The threshold voltage is set at 4.5V for TS836-4 by internal thermally matched resistances.
The comparator exhibits a 20µs response (with 10mV overdrive) and has an open drain output active when input voltage is lower than the threshold.
An internal hysteresis of 100mV increases the comparator’s noise margin and prevents false reset operation.

■ ULTRA LOW POWER CONSUMPTION: 12µA max. at Vcc = 5V
■ PRECISION RESET THRESHOLD (guaranteed over Temperature)
■ THRESHOLD VOLTAGE: 4.50V typ. FOR TS836-4
■ GUARANTEED RESET OPERATION FOR VCC DOWN TO 1V
■ OPEN DRAIN OUTPUT COMPARATOR WITH Vol = 450mV typ. @ Iol = 8mA & Vcc = 4V
■ FAST RESPONSE TIME: 20µs FOR A 10mV OVERDRIVE
■ 100mV INTERNAL HYSTERESIS

APPLICATION
■ Power-on reset generator for micro controller
■ Power failure detector




Similar Part No. - TS836

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS836-4I STMICROELECTRONICS-TS836-4I Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
More results


Similar Description - TS836

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS834 STMICROELECTRONICS-TS834 Datasheet
75Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
Nov-1999
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS834 STMICROELECTRONICS-TS834_01 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831_01 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com