Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS836 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS836
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS836 Datasheet(HTML) 2 Page - STMicroelectronics

  TS836 Datasheet HTML 1Page - STMicroelectronics TS836 Datasheet HTML 2Page - STMicroelectronics TS836 Datasheet HTML 3Page - STMicroelectronics TS836 Datasheet HTML 4Page - STMicroelectronics TS836 Datasheet HTML 5Page - STMicroelectronics TS836 Datasheet HTML 6Page - STMicroelectronics TS836 Datasheet HTML 7Page - STMicroelectronics TS836 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
1 to 5.5
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - note 1
7
V
Vout
Output Voltage
-0.3 to VCC
+ 0.3
V
Iout
Output Current
20
mA
Pd
Power Dissipation
200
mW
Toper
Operating Free Air Temperature Range
-40 to +85
oC
Tstg
Storage Temperature
-65 to +150
oC
Note:
1.
All voltages values, except differential voltage are with respect to network ground terminal.
TS836-4
ELECTRICAL CHARACTERISTICS Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vthi
Threshold Voltage - VCC Increasing
Tmin.
≤ Tamb ≤ Tmax.
4.17
4.5
4.66
V
Vthd
Threshold Voltage - VCC Decreasing
Tmin.
≤ Tamb ≤ Tmax.
4.17
4.4
4.66
V
Vhys
Hysteresis Voltage
50
100
200
mV
ICC
Current Consumption
VCC =5V
12
µA
VOL
Low Level Output Voltage
VCC =4V
IOL = 8mA, Tmin.
≤ Tamb ≤ Tmax.
450
800
1000
mV
IOH
Output Off-state Leakage
VCC =5V
Tmin.
≤ Tamb ≤ Tmax.
2
100
1000
nA
tphl
Response Time High to Low
RL = 10k
Ω,CL = 15pF, VCC =Vthd -10mV
20
µs
TS836
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com