Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS836 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS836
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS836 Datasheet(HTML) 1 Page - STMicroelectronics

  TS836 Datasheet HTML 1Page - STMicroelectronics TS836 Datasheet HTML 2Page - STMicroelectronics TS836 Datasheet HTML 3Page - STMicroelectronics TS836 Datasheet HTML 4Page - STMicroelectronics TS836 Datasheet HTML 5Page - STMicroelectronics TS836 Datasheet HTML 6Page - STMicroelectronics TS836 Datasheet HTML 7Page - STMicroelectronics TS836 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS836
MICROPOWER VOLTAGE SUPERVISOR
RESET ACTIVE HIGH
September 1998
D
SO8
(Plastic Micropackage)
®
.
ULTRA LOW POWER CONSUMPTION :
12
µA max. @ VCC =5V
.
PRECISION RESET THRESHOLD (guaran-
teed over Temperature)
.
4.50Vtyp. THRESHOLD VOLTAGE (TS836-4)
.
GUARANTEED RESET OPERATION FOR
VCC DOWN TO 1V
.
OPEN DRAIN OUTPUT COMPARATOR
WITH Vol = 450mVtyp. @ Iol = 8mA & VCC =
4V
.
FAST RESPONSE TIME : 20
µs FOR A 10mV
OVERDRIVE
.
100mV INTERNAL HYSTERESIS
DESCRIPTION
The TS836 ultra low power integrated circuit incor-
porates a high stability band gap voltage reference
and a comparator with open drain output.
The threshold voltage is set at 4.5V for TS836-4 by
internal thermally matched resistances.
The comparator exhibits a 20
µs response (with
10mV overdrive) and has an open drain output
active when input voltage is higher than the thresh-
old.
An internalhysteresis of 100mV increases the com-
parator’s noise margin and prevents false reset
operation.
APPLICATIONS
.
Power-on reset generator for microcontroler
.
Power failure detector
ORDER CODES
Part Number
Temperature Range
Package
DZ
TS836-4I
-40, +85
oC
ù
Z
TO92
(Plastic Package)
PIN CONNECTIONS
12
3
OUT
IN
GND
TO92
(top view)
8765
1234
NC
NC
NC
OUT
IN
NC
GND
NC
SO8
1/8


Similar Part No. - TS836

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS836-4I STMICROELECTRONICS-TS836-4I Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
More results

Similar Description - TS836

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS834 STMICROELECTRONICS-TS834 Datasheet
75Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
Nov-1999
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
Micropower Supply Voltage Supervisor (SVS)
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS834 STMICROELECTRONICS-TS834_01 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831_01 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com