Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2776 Datasheet (PDF) - Micrel Semiconductor

MIC2776 Datasheet PDF - Micrel Semiconductor
Part # MIC2776
Download  MIC2776 Download
File Size   378.38 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micro-Power Low Voltage Supervisor

MIC2776 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2776 Datasheet PDF - Micrel Semiconductor

Part # MIC2776
Download  MIC2776 Click to download

File Size   378.38 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micro-Power Low Voltage Supervisor

MIC2776 Datasheet (HTML) - Micrel Semiconductor


MIC2776 Product details

General Description
The MIC2776 is a power supply supervisor which provides under-voltage monitoring and power-on reset generation in a compact 5-pin SOT package. Features include an adjustable under-voltage detector, a delay-generator, a manual reset input, and a choice of active-high, active-low, or open-drain active-low reset output. The user-adjustable monitoring input is compared against a 300mV reference. This low reference voltage allows monitoring voltages lower than those supported by previous supervisor ICs.

Features
• User-adjustable input can monitor supplies as low as 0.3V
• ±1.5% threshold accuracy
• Separate VDD input
• Generates power-on reset pulse (140ms min.)
• Manual reset input
• Choice of active-high, active-low or open-drain active-low reset output
• Inputs can be pulled above VDD (7V abs. max.)
• Open-drain output can be pulled above VDD (7V abs. max.)
• Ultra-low supply current, 3.0µA typical
• Rejects brief input transients
• IttyBitty™ SOT-23-5 package

Applications
• Monitoring processor, ASIC, or FPGA core voltage
• Computer systems
• PDAs/Hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless / cellular systems
• Networking hardware




Similar Part No. - MIC2776

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2776 MICREL-MIC2776 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
More results


Similar Description - MIC2776

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
Micro-Power Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
Micro-Power Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
Micro-Power Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com