Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2562A Datasheet (PDF) - Micrel Semiconductor

MIC2562A Datasheet PDF - Micrel Semiconductor
Part # MIC2562A
Download  MIC2562A Download
File Size   101.33 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA/CardBus Socket Power Controller

MIC2562A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2562A Datasheet PDF - Micrel Semiconductor

Part # MIC2562A
Download  MIC2562A Click to download

File Size   101.33 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA/CardBus Socket Power Controller

MIC2562A Datasheet (HTML) - Micrel Semiconductor


MIC2562A Product details

General Description

The MIC2562A PCMCIA (Personal Computer Memory Card International Association) and CardBus power controller handles all PC Card slot power supply pins, both VCC and VPP. The MIC2562A switches between the three VCC voltages (0V, 3.3V and 5.0V) and the VPP voltages (OFF, 0V, 3.3V, 5V or 12.0V) required by PC Cards. The MIC2562A switches voltages from the system power supply to VCC and VPP. Output voltage is selected by two digital inputs each and output current ranges up to 1A for VCC and 250mA for VPP.



Features

• High-efficiency, low-resistance switches require no 12V bias supply

• No external components required

• Output current limit and overtemperature shutdown

• Open-drain flag for error condition indication

• Ultra-low power consumption

• Complete PC Card/CardBus VCC and VPP switch matrix in a single package

• Logic compatible with industry standard PC Card logic controllers

• No voltage shoot-through or switching transients

• Break-before-make switching

• Digital selection of VCC and VPP voltages

• Over 1A VCC output current

• Over 200mA VPP output current

• Pb-free SOIC packages

• UL recognized, file #179633



Applications

• PC Card power supply pin voltage switch

• CardBus slot power supply control

• Data collection systems

• Machine control data input systems

• Wireless communications

• Bar code data collection systems

• Instrumentation configuration/datalogging

• Docking stations (portable and desktop)

• Power supply management

• Analog power switching



 




Similar Part No. - MIC2562A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
MIC2562A-0BM MICREL-MIC2562A-0BM Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
MIC2562A-0YM MICREL-MIC2562A-0YM Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
MIC2562A-1BM MICREL-MIC2562A-1BM Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
MIC2562A-1BTS MICREL-MIC2562A-1BTS Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
More results


Similar Description - MIC2562A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
List of Unclassifed Man...
VT83C469 ETC-VT83C469 Datasheet
156Kb / 36P
PCMCIA Socket Controller
logo
OKI electronic componet...
MSM60808 OKI-MSM60808 Datasheet
354Kb / 92P
PCI to PCMCIA R2.1/CardBus Controller (PPCC)
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com