Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2564A Datasheet (PDF) - Micrel Semiconductor

MIC2564A Datasheet PDF - Micrel Semiconductor
Part # MIC2564A
Download  MIC2564A Download
File Size   166.01 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Serial PCMCIA/CardBus Power Controller Preliminary Information

MIC2564A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2564A Datasheet PDF - Micrel Semiconductor

Part # MIC2564A
Download  MIC2564A Click to download

File Size   166.01 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Serial PCMCIA/CardBus Power Controller Preliminary Information

MIC2564A Datasheet (HTML) - Micrel Semiconductor


MIC2564A Product details

General Description
The MIC2564A is dual-slot PC Card PCMCIA (Personal Computer Memory Card International Association) and CardBus power controller. It is a sophisticated power switching matrix that controls VCC and VPP voltages to two PC Card slots. The MIC2564A is used in conjunction with a serial-data output logic controller using the standard three-wire serial control data format.

Features
• Standard 3-wire serial control data input
• Controls two card slots from one surface mount device
• High-efficiency, low-resistance switches
• 12V supply optional (not required by MIC2564A)
• Current limit and overtemperature shutdown
• Ultra-low 1mA-typical standby power consumption
• Cross-conduction lockout (no switching transients)
• Break-before-make switching
• 1A minimum VCC output per slot
• Independent VCC and VPP voltage output (MIC2564A-1)
• 120mA minimum VPP output current per slot
• Lead-free 24-pin surface-mount TSSOP package
• UL recognized, file #179633

Applications
• PC Card and CardBus power control
• Zoom Video port power control
• Wireless communications
• Bar code data collection systems
• Docking stations (portable and desktop)
• Power supply management




Similar Part No. - MIC2564A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A-0BSM MICREL-MIC2564A-0BSM Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-0BTS MICREL-MIC2564A-0BTS Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-0YTS MICREL-MIC2564A-0YTS Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-1BSM MICREL-MIC2564A-1BSM Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-1BTS MICREL-MIC2564A-1BTS Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
More results


Similar Description - MIC2564A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
Dual-Slot PC Card/CardBus Power Controller Preliminary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com