Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005PALRFT Datasheet (PDF) - Intersil Corporation

ZL2005PALRFT Datasheet PDF - Intersil Corporation
Part # ZL2005PALRFT
Download  ZL2005PALRFT Download
File Size   1611.36 Kbytes
Page   41 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital-DC™ Controller with Drivers and POLA/DOSA Trim

ZL2005PALRFT Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2005PALRFT Datasheet PDF - Intersil Corporation

Part # ZL2005PALRFT
Download  ZL2005PALRFT Click to download

File Size   1611.36 Kbytes
Page   41 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital-DC™ Controller with Drivers and POLA/DOSA Trim

ZL2005PALRFT Datasheet (HTML) - Intersil Corporation


ZL2005PALRFT Product details

Description
The ZL2005P is an innovative mixed-signal power
conversion and management IC that combines a compact, efficient, synchronous DC-DC buck controller,
adaptive drivers and key power and thermal management functions in one IC, providing flexibility and
scalability while decreasing board space requirements
and design complexity. Zilker Labs Digital-DC technology enables a unique blend of performance and
features not available in either traditional analog or
newer digital approaches, resolving the issues associated with providing multiple low-voltage power
domains on a single PCB.
The ZL2005P is designed to be configured either as a
standard ZL2005 or as POLA/DOSA compatible
device.
All operating features can be configured by simple
pin-strap selection, resistor selection or through the
on-board serial port. The PMBus™-compliant
ZL2005P uses the SMBus™ serial interface for communication with other Digital-DC products or a host
controller.

Features Power Conversion
• Efficient synchronous buck controller
• 3 V to 14 V input range
• 0.54 V to 5.5 V output range (with margin)
• Optional output voltage setting with VADJ pin
• ± 1% output accuracy
• Internal 3 A drivers support >40 A power stage
• Fast load transient response
• Phase interleaving
• RoHS compliant (6 x 6 mm) QFN package
Power Management
• Digital soft start/stop
• Precision delay and ramp-up
• Voltage tracking, sequencing and margining
• Voltage/current/temperature monitoring
• I2C/SMBus communication
• Output overvoltage and overcurrent protection
• Internal non-voltatile memory (NVM)
• PMBus compliant

Applications
• Servers/storage equipment
• Telecom/datacom equipment
• Power supplies (memory, DSP, ASIC, FPGA)




Similar Part No. - ZL2005PALRFT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005PALPFT INTERSIL-ZL2005PALPFT Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2005PALPFT1 INTERSIL-ZL2005PALPFT1 Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
More results


Similar Description - ZL2005PALRFT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005P INTERSIL-ZL2005P Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
ZL6105 INTERSIL-ZL6105 Datasheet
1Mb / 35P
Digital DC/DC Controller with Drivers and Auto
February 8, 2011
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Intersil Corporation
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
ZL6105ALAF INTERSIL-ZL6105ALAF Datasheet
943Kb / 35P
Digital DC/DC Controller with Drivers and Auto Compensation
December 19, 2013
logo
Renesas Technology Corp
ZL2005P RENESAS-ZL2005P Datasheet
1Mb / 41P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
Digital DC/DC Controller with Drivers and Auto Compensation
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com