Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2102 Datasheet (PDF) - Intersil Corporation

ZL2102 Datasheet PDF - Intersil Corporation
Part # ZL2102
Download  ZL2102 Download
File Size   940.16 Kbytes
Page   58 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation

ZL2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2102 Datasheet PDF - Intersil Corporation

Part # ZL2102
Download  ZL2102 Click to download

File Size   940.16 Kbytes
Page   58 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation

ZL2102 Datasheet (HTML) - Intersil Corporation


ZL2102 Product details

The ZL2102 is an integrated digital power regulator with auto
compensation and power management functions in a small
package, resulting in a flexible and integrated solution, which
can be configured using the PowerNavigator™ graphical user
interface. This synchronous buck converter operates from a
4.5V to 14V input supply and provides from 0.54V to 5.5V
output voltage at up to 6A.
The ZL2102 can be configured for most applications using only
hardware pin straps to adjust switching frequency, output
voltage, UVLO, soft-start ramp/delay settings, sequencing
options, and SMBus address. For more advanced
configurations, the ZL2102 supports over 70 PMBus
commands. Output voltage/current is factory calibrated.
Internal synchronous power MOSFETs enable the ZL2102 to
deliver continuous loads up to 6A with high efficiency. An
internal Schottky bootstrap diode reduces discrete component
count. The ZL2102 also supports phase spreading to reduce
system input capacitance.
The ZL2102 uses the SMBus™ with PMBus™ protocol for
communication with a host controller and the Intersil's
proprietary Digital-DC™ bus for interoperability between other
Intersil devices.

Features
• Integrated MOSFET switches
• 6A continuous output current
• Adjustable 0.54V to 5.5V output range
• 4.5V to 14V input range
• Up to 90% efficiency
• Auto compensation for fast transient response
• SMBus compliant serial interface
• Snapshot™ parametric capture
• Internal nonvolatile memory
• Small footprint QFN package (6mmx6mm)

Applications
• Servers/storage equipment
• Telecom/datacom equipment
• Power supplies (memory, DSP, ASIC, FPGA)




Similar Part No. - ZL2102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2102 INTERSIL-ZL2102 Datasheet
861Kb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
August 22, 2013
logo
Renesas Technology Corp
ZL2102 RENESAS-ZL2102 Datasheet
2Mb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
logo
Intersil Corporation
ZL2102ALAFTK INTERSIL-ZL2102ALAFTK Datasheet
861Kb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
August 22, 2013
logo
Renesas Technology Corp
ZL2102ALAFTK RENESAS-ZL2102ALAFTK Datasheet
2Mb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
More results


Similar Description - ZL2102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2102 INTERSIL-ZL2102 Datasheet
861Kb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
August 22, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
ZL2102 RENESAS-ZL2102 Datasheet
2Mb / 58P
6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com