Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2755 Datasheet (PDF) - Micrel Semiconductor

MIC2755 Datasheet PDF - Micrel Semiconductor
Part # MIC2755
Download  MIC2755 Download
File Size   79.59 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Battery System Supervisor Preliminary Information

MIC2755 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2755 Datasheet PDF - Micrel Semiconductor

Part # MIC2755
Download  MIC2755 Click to download

File Size   79.59 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Battery System Supervisor Preliminary Information

MIC2755 Datasheet (HTML) - Micrel Semiconductor


MIC2755 Product details

General Description
The MIC2755 is composed of multiple comparators, a reset pulse generator, and logic. It is designed for monitoring the battery supply of portable digital systems, including PDAs and pagers.

Features
• Optimized for PDAs, pagers and other hand-held devices.
• Detects multiple battery states:
    - battery OK
    - low battery
    - dead battery
• Adjustable voltage thresholds
• High accuracy ±2% voltage thresholds
• Reset generation at power-on (700ms min.)
• Debounced manual reset function
• Internal logic prevents chatter if battery voltage fluctuates
• Extremely low 2µA typical supply current
• I/Os can be pulled above VDD (7V absolute maximum)
• Immune to brief power supply transients
• Low cost
• 8-pin MSOP




Similar Part No. - MIC2755

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2755 MICREL-MIC2755 Datasheet
283Kb / 10P
Battery System Supervisor
MIC2755BMM MICREL-MIC2755BMM Datasheet
283Kb / 10P
Battery System Supervisor
MIC2755YMM MICREL-MIC2755YMM Datasheet
283Kb / 10P
Battery System Supervisor
MIC2755 MICREL-MIC2755_06 Datasheet
283Kb / 10P
Battery System Supervisor
More results


Similar Description - MIC2755

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050 Datasheet
103Kb / 20P
Simple Lithium-Ion Battery Charger Preliminary Information
logo
Mitel Networks Corporat...
MH80626C MITEL-MH80626C Datasheet
29Kb / 4P
Battery Feed/Protection SIP Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Micrel Semiconductor
MIC2755 MICREL-MIC2755_06 Datasheet
283Kb / 10P
Battery System Supervisor
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com