Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet (PDF) - Micrel Semiconductor

MIC79050 Datasheet PDF - Micrel Semiconductor
Part # MIC79050
Download  MIC79050 Download
File Size   103.05 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Simple Lithium-Ion Battery Charger Preliminary Information

MIC79050 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC79050 Datasheet PDF - Micrel Semiconductor

Part # MIC79050
Download  MIC79050 Click to download

File Size   103.05 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Simple Lithium-Ion Battery Charger Preliminary Information

MIC79050 Datasheet (HTML) - Micrel Semiconductor


MIC79050 Product details

General Description
The MIC79050 is a simple single-cell lithium-ion battery charger. It includes an on-chip pass transistor for high precision charging. Featuring ultrahigh precision (+0.75% over the Li-ion battery charging temperature range) and “zero” off mode current, the MIC79050 provides a very simple, cost effective solution for charging lithium-ion battery.

Features
• High accuracy charge voltage: ±0.75% over -5°C to + 60°C (Li-ion charging temperature range)
• “Zero” off-mode current
• 10µA reverse leakage
• Ultralow 380mV dropout at 500mA
• Wide input voltage range
• Logic controlled enable input (8-pin devices only)
• Thermal shutdown and current limit protection
• Power MSOP-8, Power SOIC-8, and SOT-223
• Pulse charging capability

Applications
• Li-ion battery charger
• Celluar phones
• Palmtop computers
• PDAs
• Self charging battery packs




Similar Part No. - MIC79050

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YM MICROCHIP-MIC79050-4.2YM Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YM-TR MICROCHIP-MIC79050-4.2YM-TR Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YMM MICROCHIP-MIC79050-4.2YMM Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
MIC79050-4.2YMM-TR MICROCHIP-MIC79050-4.2YMM-TR Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results


Similar Description - MIC79050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050_05 Datasheet
280Kb / 14P
Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com