Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2954 Datasheet (PDF) - Micrel Semiconductor

MIC2954 Datasheet PDF - Micrel Semiconductor
Part # MIC2954
Download  MIC2954 Download
File Size   170.77 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 250mA Low-Dropout Regulator

MIC2954 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2954 Datasheet PDF - Micrel Semiconductor

Part # MIC2954
Download  MIC2954 Click to download

File Size   170.77 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 250mA Low-Dropout Regulator

MIC2954 Datasheet (HTML) - Micrel Semiconductor


MIC2954 Product details

General Description
The MIC2954 is a “bulletproof” efficient voltage regulator with very low dropout voltage (typically 40mV @ light loads and 375mV @ 250mA), and low quiescent current (120µA typical). The quiescent current of the MIC2954 increases only slightly in dropout, thus prolonging battery life. Key MIC2954 features include protection against reversed battery, fold-back current limiting, and automotive load dump protection (60V positive transient).

Features
• High-accuracy 5V, guaranteed 250mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Input can withstand –20V reverse battery and+60V
   positive transients
• Error flag warns of low output voltage
• Logic-controlled electronic shutdown
• Output programmable from 1.24V to 29V
   (MIC2954-07/08)
• Available in TO-220, TO-92, and surface-mount SOT-
   223 and SOIC-8 packages

Applications
• Battery powered equipment
• Cellular telephones
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching
• Bar code scanners
• Automotive electronics
• SMPS post-regulator/dc-to-dc modules
• Voltage reference
• High-efficiency linear power supplies




Similar Part No. - MIC2954

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954-02BS MICREL-MIC2954-02BS Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
MIC2954-02BT MICREL-MIC2954-02BT Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
MIC2954-02BZ MICREL-MIC2954-02BZ Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
MIC2954-02WS MICREL-MIC2954-02WS Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
MIC2954-02WT MICREL-MIC2954-02WT Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
More results


Similar Description - MIC2954

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_07 Datasheet
549Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com