Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39150 Datasheet (PDF) - Micrel Semiconductor

MIC39150 Datasheet PDF - Micrel Semiconductor
Part # MIC39150
Download  MIC39150 Download
File Size   106.14 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A Low-Voltage Low-Dropout Regulator

MIC39150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC39150 Datasheet PDF - Micrel Semiconductor

Part # MIC39150
Download  MIC39150 Click to download

File Size   106.14 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A Low-Voltage Low-Dropout Regulator

MIC39150 Datasheet (HTML) - Micrel Semiconductor


MIC39150 Product details

General Description

The MIC39150, MIC39151, and MIC39152 are 1.5A LDO voltage regulators that provide a low voltage, high current output with a minimum of external components. Utilizing Micrel’s proprietary Super βeta PNP® pass element, the MIC39150/1/2 offers extremely low dropout (typically 375mV at 1.5A) and low ground current (typically 17mA at 1.5A).

The MIC39150/1/2 are ideal for PC add-in cards that need to convert from 3.3V to 2.5V or 2.5V to 1.8V with a guaranteed maximum dropout voltage of 500mV over all operating conditions. The MIC39150/1/2 exhibit fast transient response for heavy switching applications and requires only 10µF of output capacitance to maintain stability and achieve fast transient response.



Features

• 1.5A minimum guaranteed output current

• 500mV maximum dropout voltage over temperature

–Ideal for 3.0V to 2.5V conversion

–Ideal for 2.5 to 1.8V or 1.65V conversion

• 1% initial accuracy

•Low ground current

• Current limiting and Thermal shutdown

• Reversed-battery and reversed lead insertion protection

•Reversed-leakage protection

• Fast transient response

• TTL/CMOS compatible enable pin (MIC39151/2 only)

• Error flag output (MIC39151 only)

• Adjustable output (MIC39152 only)

• Power D-Pak package (TO-252) Adjustable only

• Power D2Pak package (TO-263)



Applications

• Low-voltage digital ICs

• LDO linear regulator for PC add-in cards

• High-efficiency linear power supplies

• SMPS post regulator

• Low-voltage microcontrollers

• StrongARM™ processor supply



 




Similar Part No. - MIC39150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
MIC39150-1.65BT MICREL-MIC39150-1.65BT Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
MIC39150-1.65BU MICREL-MIC39150-1.65BU Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
MIC39150-1.65WT MICREL-MIC39150-1.65WT Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
MIC39150-1.65WU MICREL-MIC39150-1.65WU Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
More results


Similar Description - MIC39150

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
FAN1950 FAIRCHILD-FAN1950 Datasheet
518Kb / 11P
1.5A Low-Voltage Low-Dropout Regulator
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150_09 Datasheet
313Kb / 14P
1.5A, Low-Voltage Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com