Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC39150
Description  1.5A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC39150 Datasheet HTML 1Page - Micrel Semiconductor MIC39150 Datasheet HTML 2Page - Micrel Semiconductor MIC39150 Datasheet HTML 3Page - Micrel Semiconductor MIC39150 Datasheet HTML 4Page - Micrel Semiconductor MIC39150 Datasheet HTML 5Page - Micrel Semiconductor MIC39150 Datasheet HTML 6Page - Micrel Semiconductor MIC39150 Datasheet HTML 7Page - Micrel Semiconductor MIC39150 Datasheet HTML 8Page - Micrel Semiconductor MIC39150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC39150/39151
Micrel
MIC39150/39151
2
May 2000
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC39150
MIC39151
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
or open = shutdown
1
2
IN
Unregulated Input: +16V maximum supply.
2, TAB
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
3
4
OUT
Regulator Output
5
FLG
Error Flag (Ouput): Open-collector output. Active low indicates an output
fault condition.
Pin Configuration
3
OUT
2
GND
1IN
MIC39150-x.xBT
TO-220-3 (T)
5
FLG
4
OUT
3
GND
2IN
1EN
MIC39151-x.xBT
TO-220-5 (T)
3
OUT
2
GND
1IN
MIC39150-x.xBU
TO-263-3 (U)
5
FLG
4
OUT
3
GND
2IN
1EN
MIC39151-x.xBU
TO-263-5 (U)
Ordering Information
Part Number
Voltage
Temperature Range
Package
MIC39150-1.8BT
1.8V
–40
°C to +125°C
3-lead TO-220
MIC39150-1.8BU
1.8V
–40
°C to +125°C
3-lead TO-263
MIC39151-1.8BT
1.8V
–40
°C to +125°C
5-lead TO-220
MIC39151-1.8BU
1.8V
–40
°C to +125°C
5-lead TO-263
MIC39150-2.5BT
2.5V
–40
°C to +125°C
3-lead TO-220
MIC39150-2.5BU
2.5V
–40
°C to +125°C
3-lead TO-263
MIC39151-2.5BT
2.5V
–40
°C to +125°C
5-lead TO-220
MIC39151-2.5BU
2.5V
–40
°C to +125°C
5-lead TO-263
* order note & V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com