Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet (PDF) - Micrel Semiconductor

MIC39300 Datasheet PDF - Micrel Semiconductor
Part # MIC39300
Download  MIC39300 Download
File Size   107.77 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Low-Voltage Low-Dropout Regulator

MIC39300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC39300 Datasheet PDF - Micrel Semiconductor

Part # MIC39300
Download  MIC39300 Click to download

File Size   107.77 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A Low-Voltage Low-Dropout Regulator

MIC39300 Datasheet (HTML) - Micrel Semiconductor


MIC39300 Product details

General Description
The MIC39300, MIC39301 and MIC39302 are 3.0A low dropout linear voltage regulators that provide a low voltage, high-current output with a minimum of external components. Utilizing Micrel’s proprietary Super βeta PNP® pass element, the MIC39300/1/2 offers extremely low dropout (typically 385mV at 3.0A) and low ground current (typically 36mA at 3.0A).

Features
• 3.0A minimum guaranteed output current
• 550mV maximum dropout voltage over temperature
• Ideal for 3.0V to 2.5V conversion
• Ideal for 2.5V to 1.8V conversion
• 1% initial accuracy
• Low ground current
• Current limiting and Thermal shutdown
• Reversed-battery protection
• Reversed-leakage protection
• Fast transient response
• TO-263 (D2Pak) and TO-220 packaging
• TTL/CMOS compatible enable pin (MIC39301/2 only)
• Error flag output (MIC39301 only)
• Adjustable output (MIC39302 only)

Applications
• LDO linear regulator for PC add-in cards
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Low-voltage microcontrollers
• StrongARM™ processor supply




Similar Part No. - MIC39300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300-1.8BT MICREL-MIC39300-1.8BT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39300-1.8BU MICREL-MIC39300-1.8BU Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39300-1.8WT MICREL-MIC39300-1.8WT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
More results


Similar Description - MIC39300

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
3A, Low Voltage Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com