Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC39300
Description  3A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC39300 Datasheet HTML 1Page - Micrel Semiconductor MIC39300 Datasheet HTML 2Page - Micrel Semiconductor MIC39300 Datasheet HTML 3Page - Micrel Semiconductor MIC39300 Datasheet HTML 4Page - Micrel Semiconductor MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
March 2000
5
MIC39300/39301
MIC39300/39301
Micrel
Typical Characteristics
0
10
20
30
40
50
FREQUENCY (Hz)
Power Supply
vs. Ripple Rejection
V
OUT = 2.5V
V
IN = 3.3V
C
OUT = 47µF
I
LOAD = 3A
0
10
20
30
40
50
FREQUENCY (Hz)
Power Supply
vs. Ripple Rejection
V
OUT = 2.5V
V
IN = 3.3V
C
OUT = 100µF
I
LOAD = 3A
0
50
100
150
200
250
300
350
400
0
1000
2000
3000
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
100
200
300
400
500
600
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
V
OUT = 2.5V
I
LOAD = 3A
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD = 100mA
I
LOAD = 1.5A
I
LOAD = 3A
0
10
20
30
40
50
0
1000
2000
3000
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
OUT = 2.5V
I
LOAD = 3A
0
2
4
6
8
10
02
46
8
10
12
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
LOAD = 10mA
I
LOAD = 100mA
0
10
20
30
40
50
60
70
80
90
100
02
46
8
10
12
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
LOAD =
1000mA
I
LOAD = 3000mA
I
LOAD = 1500mA
0
1
2
3
4
5
6
7
8
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
OUT = 2.5V
I
LOAD = 100mA
0
5
10
15
20
25
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
OUT = 2.5V
I
LOAD = 1.5A
0
10
20
30
40
50
60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
OUT = 2.5V
I
LOAD = 3A
0
1
2
3
4
5
6
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit vs.
Temperature
V
IN = 3.5V
(typical 2.5V device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com