Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4426 Datasheet (PDF) - Micrel Semiconductor

MIC4426 Datasheet PDF - Micrel Semiconductor
Part # MIC4426
Download  MIC4426 Download
File Size   99.01 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.5A-Peak Low-Side MOSFET Driver

MIC4426 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4426 Datasheet PDF - Micrel Semiconductor

Part # MIC4426
Download  MIC4426 Click to download

File Size   99.01 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.5A-Peak Low-Side MOSFET Driver

MIC4426 Datasheet (HTML) - Micrel Semiconductor


MIC4426 Product details

General Description
The MIC4426/4427/4428 family are highly-reliable dual low-side MOSFET drivers fabricated on a BiCMOS/DMOS process for low power consumption and high efficiency. These drivers translate TTL or CMOS input logic levels to output voltage levels that swing within 25mV of the positive supply or ground. Comparable bipolar devices are capable of swinging only to within 1V of the supply. The MIC4426/7/8 is available in three configurations: dual inverting, dual noninverting, and one inverting plus one noninverting output.

Features
• Bipolar/CMOS/DMOS construction
• Latch-up protection to >500mA reverse current
• 1.5A-peak output current
• 4.5V to 18V operating range
• Low quiescent supply current 4mA at logic 1 input 400µA at logic 0 input
• Switches 1000pF in 25ns
• Matched rise and rall times
• 7Ω output impedance
• < 40ns typical delay
• Logic-input threshold independent of supply voltage
• Logic-input protection to –5V
• 6pF typical equivalent input capacitance
• 25mV max. output offset from supply or ground
• Replaces MIC426/427/428 and MIC1426/1427/1428
• Dual inverting, dual noninverting, and inverting/ noninverting configurations
• ESD protection

Applications
• MOSFET driver
• Clock line driver
• Coax cable driver
• Piezoelectic transducer driver




Similar Part No. - MIC4426

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BM MICREL-MIC4426BM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BMM MICREL-MIC4426BMM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BN MICREL-MIC4426BN Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426CM MICREL-MIC4426CM Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
More results


Similar Description - MIC4426

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com